Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664ACLZWT Datasheet(PDF) 98 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664ACLZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664ACLZWT Datasheet(HTML) 98 Page - Texas Instruments

Back Button TNETV2664ACLZWT Datasheet HTML 94Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 95Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 96Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 97Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 98Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 99Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 100Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 101Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
Table 3-19. Multiplexed Pins on C6424 (continued)
SIGNAL
PINMUX DESCRIPTION
ZWT
ZDU
NAME
PINMUX GROUP
CONTROLLED BY PINMUX BIT FIELDS
NO.
NO.
HD12/MTXD2/PPAR/GP[70]
D5
C5
Host Block
PCIEN, HOSTBK
HD13/MTXD1/AD14/GP[71]
B4
B4
Host Block
PCIEN, HOSTBK
HD14/MTXD0/AD15/GP[72]
D4
B5
Host Block
PCIEN, HOSTBK
HD15/MTXCLK/AD12/GP[73]
A4
A4
Host Block
PCIEN, HOSTBK
HHWIL/MRXDV/AD13/GP[74]
C4
D3
Host Block
PCIEN, HOSTBK
HCNTL1/MTXEN/AD11/GP[75]
D3
C4
Host Block
PCIEN, HOSTBK
HCNTL0/MRXER/AD10/GP[76]
B3
B2
Host Block
PCIEN, HOSTBK
HR/W/MRXCLK/AD8/GP[77]
A3
A3
Host Block
PCIEN, HOSTBK
HDS2/MRXD0/AD9/GP[78]
C3
C2
Host Block
PCIEN, HOSTBK
HDS1/MRXD1/AD7/GP[79]
B2
B3
Host Block
PCIEN, HOSTBK
HRDY/MRXD2/PCBE0/GP[80]
D2
C3
Host Block
PCIEN, HOSTBK
HCS/MDCLK/AD5/GP[81]
C1
D1
Host Block
PCIEN, HOSTBK
HINT/MRXD3/AD6/GP[82]
C2
D2
Host Block
PCIEN, HOSTBK
HAS/MDIO/AD3/GP[83]
D1
C1
Host Block
PCIEN, HOSTBK
AD0/GP[0]
E1
E1
GPIO Block
PCIEN
AD1/GP[1]
E2
E2
GPIO Block
PCIEN
AD2/GP[2]
E3
F1
GPIO Block
PCIEN
AD4/GP[3]
E4
F2
GPIO Block
PCIEN
GP[4]/PWM1
F3
F3
PWM1Block
PWM1BK
ACLKR0/CLKX0/GP[99]
H1
J1
Serial Port Sub-Block 0
SPBK0
AFSR0/DR0/GP[100]
H4
K3
Serial Port Sub-Block 0
SPBK0
AHCLKR0/CLKR0/GP[101]
J2
K1
Serial Port Sub-Block 0
SPBK0
AXR0[3]/FSR0/GP[102]
G4
J3
Serial Port Sub-Block 0
SPBK0
AXR0[2]/FSX0/GP[103]
H3
J2
Serial Port Sub-Block 0
SPBK0
AXR0[1]/DX0/GP[104]
J3
K2
Serial Port Sub-Block 0
SPBK0
AXR0[0]/FSR1/GP[105]
H2
H2
Serial Port Sub-Block 1
SPBK1
ACLKX0/CLKX1/GP[106]
F1
G1
Serial Port Sub-Block 1
SPBK1
AFSX0/DX1/GP[107]
G2
G2
Serial Port Sub-Block 1
SPBK1
AHCLKX0/CLKR1/GP[108]
G1
H1
Serial Port Sub-Block 1
SPBK1
AMUTEIN0/FSX1/GP[109]
F2
G3
Serial Port Sub-Block 1
SPBK1
AMUTE0/DR1/GP[110]
G3
H3
Serial Port Sub-Block 1
SPBK1
TINP1L/URXD1/GP[56]
L4
P3
Timer 1 Block
TIM1BK
TOUT1L/UTXD1/GP[55]
K4
N3
Timer 1 Block
TIM1BK
CLKS1/TINP0L/GP[98]
K2
L2
Timer 0 Block
TIM0BK
CLKS0/TOUT0L/GP[97]
J4
L3
Timer 0 Block
TIM0BK
URXD0/GP[85]
L2
M2
UART0 Data Block
UR0DBK
UTXD0/GP[86]
K3
N1
UART0 Data Block
UR0DBK
UCTS0/GP[87]
L1
P1
UART0 Flow Control Block
UR0FCBK
URTS0/PWM0/GP[88]
L3
M3
UART0 Flow Control Block
UR0FCBK
CLKOUT0/PWM2/GP[84]
M1
R1
CLKOUT Block
CKOBK
Note: PINMUX groups EMIFA Sub-Block 2 and PCI Data Block are not shown in the above table because
there is no actual pin multiplexing in those blocks. But these two blocks are still considered "pin mux
blocks" because they contain some of the pins necessary for EMIFA and PCI, respectively. The pins in
these blocks are as follows:
•
EMIFA Sub-Block 2
–
EM_WAIT/(RDY/BSY)
–
EM_OE
–
EM_WE
98
Device Configurations
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com