Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664ACLZWT Datasheet(PDF) 102 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664ACLZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664ACLZWT Datasheet(HTML) 102 Page - Texas Instruments

Back Button TNETV2664ACLZWT Datasheet HTML 98Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 99Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 100Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 101Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 102Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 103Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 104Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 105Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
As discussed in Section 3.7.3.2, Peripherals Spanning Multiple Pin Mux Blocks, PCI pins span across the following Pin Mux Blocks: Host Block,
EMIFA Block Sub-Block 0 and Sub-Block 3, PCI Data Block, and GPIO Block. For proper PCI operation, PCI must be selected in all of these Pin
Mux Blocks.
There is only one EMAC peripheral on the C6424 device, even though the pins for MII mode and the pins for RMII modes are brought out to
different locations. The EMAC MII mode pins are in the Host Block, while EMAC RMII mode pins are only in the EMIFA Block. The user is only
allowed to select either the MII pins or the RMII pins. The operation is undefined if the user attempts to select both MII pins and RMII pins.
Table 3-21 provides a different view of the Host Block pin muxing, showing the Host Block function based on PINMUX1 settings. The selection
options are also shown pictorially in Figure 3-10.
If EMAC operation is desired, EMAC must be placed in reset before programming PINMUX1.HOSTBK to select EMAC pins.
Table 3-21. Host Block Function Selection
PINMUX1 SETTING
BLOCK FUNCTION
RESULTING PIN FUNCTIONS
PCIEN(1)
HOSTBK
PCI: PCICLK, PCBE2, PCBE1, PCBE0, PFRAME, PIDRDY, PTRDY, PDEVSEL, PSTOP, PPER,
PCI
1
000
PSERR, PPAR, AD[18:05], AD[03]
(Default if PCIEN = 1)
Internal pullup/pulldown on all these pins are disabled.
1
001 to 111
Reserved
Reserved
GPIO (27)
0
000
GPIO: GP[83:57]
(Default if PCIEN = 0)
HPI: HHWIL, HCNTL[1:0], HR/W, HDS2, HDS1, HRDY, HCS, HINT, HAS, HD[15:0]
0
001
HPI + GPIO (1)
GPIO: GP[57]
VLYNQ: VLYNQ_CLOCK, VLYNQ_SCRUN, VLYNQ_RXD[3:0], VLYNQ_TXD[3:0]
0
010
VLYNQ + GPIO (17)
GPIO: GP[83:67]
VLYNQ: VLYNQ_CLOCK, VLYNQ_SCRUN, VLYNQ_RXD[3:0], VLYNQ_TXD[3:0]
EMAC (MII): TXCLK, CRS, COL, TXD[3:0], RXDV, TXEN, RXER, RXCLK, RXD[3:0]
0
011
VLYNQ + EMAC (MII) + MDIO
MDIO: MDC, MDIO
If EMAC operation is desired, EMAC must be placed in reset before programming
PINMUX1.HOSTBK or PINMUX0.RMII to select EMAC pins.
(1)
If PCIEN = 1, the internal pullup/pulldown on all Host Block pins are disabled. If PCIEN = 0, the internal pullup/pulldown on all Host Block pins are enabled.
102
Device Configurations
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com