Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664ACLZWT Datasheet(PDF) 105 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664ACLZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664ACLZWT Datasheet(HTML) 105 Page - Texas Instruments

Back Button TNETV2664ACLZWT Datasheet HTML 101Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 102Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 103Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 104Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 105Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 106Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 107Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 108Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
Table 3-24. GPIO Block Function Selection
PINMUX1.PCIEN
BLOCK FUNCTION
RESULTING PIN FUNCTIONS
PCI
0
PCI: AD0, AD1, AD2, AD4
(Default if PCIEN = 1)
GPIO (4)
1
GPIO: GP[3:0]
(Default if PCIEN = 0)
The PINMUX1.PCIEN field is read-only, and its setting is determined by the PCIEN configuration pin.
Based on the PCIEN configuration pin setting, the 4 pins in the GPIO Block defaults to either PCI or GPIO
function.
In addition, the VDD3P3V_PWDN.GPIO field determines the power state of the GPIO Block pins. The
GPIO Block pins default to powered up. For more details on the VDD3P3V_PWDN.GPIO field, see
Section 3.2, Power Considerations.
3.7.3.6
UART0 Data Block Muxing
This block of 2 pins consists of UART0 Data, and GPIO muxed pins. The PINMUX1.UR0DBK register field
select the pin functions in the UART0 Data Block.
Table 3-25 summarizes the 2 pins in the UART0 Data Block, the multiplexed function on each pin, and the
PINMUX configurations to select the corresponding function.
Table 3-25. UART0 Data Block Muxed Pins Selection
MULTIPLEXED FUNCTIONS
SIGNAL
UART0
GPIO
NAME
FUNCTION
SELECT
FUNCTION
SELECT
URXD0/GP[85]
URXD0
GP[85]
UR0DBK = 1
UR0DBK = 0
UTXD0/GP[86]
UTXD0
GP[86]
As discussed in Section 3.7.3.2, Peripherals Spanning Multiple Pin Mux Blocks, the UART0 pins span
across two Pin Mux Blocks: UART0 Data Block, and UART0 Flow Control Block. For proper UART0
operation, the two pins in the UART0 Data Block must be configured for UART0 data functions. The two
pins in the UART0 Flow Control Block are optional.
Table 3-26 provides a different view of the UART0 Data Block pin muxing, showing the UART0 Data Block
function based on PINMUX1.UR0DBK setting. The selection options are also shown pictorially in
Figure 3-10.
Table 3-26. UART0 Data Block Function Selection
PINMUX1.UR0DBK
BLOCK FUNCTION
RESULTING PIN FUNCTIONS
0
GPIO (2) (Default)
GPIO: GP[86:85]
1
UART0 Data
UART0: URXD0, UTXD0
In addition, the VDD3P3V_PWDN.UR0DAT field determines the power state of the UART0 Data Block
pins. The UART0 Data Block pins default to powered down and not operational. To use these pins, user
must first program VDD3P3V_PWDN.UR0DAT = 0 to power up the pins. For more details on the
VDD3P3V_PWDN.UR0DAT field, see Section 3.2, Power Considerations.
The UART0 Data Block features internal pullup resistors, which matches the UART inactive polarity.
3.7.3.7
UART0 Flow Control Block
This block of 2 pins consists of UART0 Flow Control, PWM0, and GPIO muxed pins. The
PINMUX1.UR0FCBK register field selects the pin functions in the UART0 Flow Control Block.
Copyright © 2007–2009, Texas Instruments Incorporated
Device Configurations
105
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com