Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664ACLZWT Datasheet(PDF) 107 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664ACLZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664ACLZWT Datasheet(HTML) 107 Page - Texas Instruments

Back Button TNETV2664ACLZWT Datasheet HTML 103Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 104Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 105Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 106Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 107Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 108Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 109Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 110Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 111Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
As discussed in Section 3.7.3.2, Peripherals Spanning Multiple Pin Mux Blocks, the McBSP0 pins span
across two Pin Mux Blocks: Serial Port Sub-Block0, and Timer0 Block. For proper McBSP0 operation, the
Serial Port Sub-Block0 must be programmed to select McBSP0 function. The McBSP0 CLKS0 pin in the
Timer0 Block is optional for McBSP0 operation. CLKS0 is only needed if you desire using CLKS0 as an
external clock source to the McBSP0 internal sample rate generator.
Similarly, as discussed in Section 3.7.3.2, Peripherals Spanning Multiple Pin Mux Blocks, the McBSP1
pins span across two Pin Mux Blocks: Serial Port Sub-Block1, and Timer0 Block. For proper McBSP1
operation, the Serial Port Sub-Block1 must be programmed to select McBSP1 function. The McBSP1
CLKS1 pin in the Timer0 Block is optional for McBSP1 operation. CLKS1 is only needed if you desire
using CLKS1 as an external clock source to the McBSP1 internal sample rate generator.
Table 3-30 provides a different view of the Timer0 Block pin muxing, showing the Timer0 Block function
based on PINMUX1.TIM0BK setting. The selection options are also shown pictorially in Figure 3-10.
Table 3-30. Timer0 Block Function Selection
PINMUX1.TIM0BK
BLOCK FUNCTION
RESULTING PIN FUNCTIONS
00
GPIO (2) (default)
GPIO: GP[98:97]
01
Timer0
Timer0: TINP0L, TOUT0L
McBSP0 External Clock Source,
McBSP0: CLKS0
10
McBSP1 External Clock Source
McBSP1: CLKS1
McBSP0 External Clock Source,
McBSP0: CLKS0
11
Timer0 Input
Timer0: TINP0L
In addition, the VDD3P3V_PWDN.TIMER0 field determines the power state of the Timer0 Block pins. The
Timer0 Block pins default to powered down and not operational. To use these pins, user must first
program
VDD3P3V_PWDN.TIMER0
=
0
to
power
up
the
pins.
For
more
details
on
the
VDD3P3V_PWDN.TIMER0 field, see Section 3.2, Power Considerations.
3.7.3.9
Timer1 Block
This block of 2 pins consists of Timer1, UART1 Data, and GPIO muxed pins. The PINMUX1.TIM1BK
register field selects the pin functions in the Timer1 Block.
Table 3-31 summarizes the 2 pins in the Timer1 Block, the multiplexed function on each pin, and the
PINMUX configurations to select the corresponding function.
Table 3-31. Timer1 Block Muxed Pins Selection
MULTIPLEXED FUNCTIONS
SIGNAL
TIMER1
UART1
GPIO
NAME
FUNCTION
SELECT
FUNCTION
SELECT
FUNCTION
SELECT
TINP1L/
URXD1/
TINP1L
URXD1
GP[56]
GP[56]
TIM1BK = 01
TIM1BK = 10
TIM1BK = 00
TOUT1L/
UTXD1/
TOUT1L
UTXD1
GP[55]
GP[55]
Unlike UART0, UART1 only supports data pins but not flow control pins.
Table 3-32 provides a different view of the Timer1 Block pin muxing, showing the Timer1 Block function
based on PINMUX1.TIM1BK setting. The selection options are also shown pictorially in Figure 3-10.
Table 3-32. Timer1 Block Function Selection
PINMUX1.TIM1BK
BLOCK FUNCTION
RESULTING PIN FUNCTIONS
00
GPIO (2) (default)
GPIO: GP[56:55]
01
Timer1
Timer1: TINP1L, TOUT1L
Copyright © 2007–2009, Texas Instruments Incorporated
Device Configurations
107
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com