Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664ACLZWT Datasheet(PDF) 110 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664ACLZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664ACLZWT Datasheet(HTML) 110 Page - Texas Instruments

Back Button TNETV2664ACLZWT Datasheet HTML 106Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 107Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 108Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 109Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 110Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 111Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 112Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 113Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 114Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
Table 3-35. Serial Port Sub-Block 1 Function Selection (continued)
PINMUX1.SPBK1
BLOCK FUNCTION
RESULTING PIN FUNCTIONS
McASP0 Transmit with 1 Serializer and
McASP0: AXR0[0], ACLKX0, AFSX0, AHCLKX0,
10
Mute Control
AMUTEIN0(1), AMUTE0
McBSP1: CLKX1, FSX1, DX1
11
McBSP1 Transmit, McASP0 SPDIF
McASP0: AXR0[0], AHCLKX0, AMUTE0
(1)
The input from the AMUTEIN0/FSX1/GP[109] pin is connected to both the McASP0 and GPIO.
In addition, the VDD3P3V_PWDN.SP field determines the power state of the Serial Port Block pins. The
Serial Port Block pins default to powered down and not operational. To use these pins, user must first
program VDD3P3V_PWDN.SP = 0 to power up the pins. For more details on the VDD3P3V_PWDN.SP
field, see Section 3.2, Power Considerations.
To facilitate McASP0 operation, the input from the AMUTEIN0/FSX1/GP[109] pin is connected to both the
McASP0 and the GPIO module. Therefore when an external mute event occurs, in addition to notifying the
McASP0, it can also cause an interrupt through the GPIO module.
3.7.3.11 PWM1 Block
This block of 1 pin consists of PWM1 and GPIO muxed pins (GP[4]/PWM1). The PINMUX1.PWM1BK
register field selects the pin function in the PWM1 Block.
Table 3-36 summarizes the 1 pin in the PWM1 Block, its multiplexed function, and the PINMUX
configurations to select the corresponding function.
Table 3-36. PWM1 Block Muxed Pin Selection
MULTIPLEXED FUNCTIONS
SIGNAL
PWM1
GPIO
NAME
FUNCTION
SELECT
FUNCTION
SELECT
GP[4]/PWM1
PWM1
PWM1BK = 1
GP[4]
PWM1BK = 0
Table 3-37 provides a different view of the PWM1 Block pin muxing, showing the PWM1 Block function
based on PINMUX1.PWM1BK setting. The selection options are also shown pictorially in Figure 3-10.
Table 3-37. PWM1 Block Function Selection
PINMUX1.PWM1BK
BLOCK FUNCTION
RESULTING PIN FUNCTIONS
0
GPIO (1) (default)
GPIO: GP[4]
1
PWM1
PWM1: PWM1
In addition, the VDD3P3V_PWDN.PWM1 field determines the power state of the PWM1 Block pin. The
PWM1 Block pin defaults to powered down and not operational. To use this pin, user must first program
VDD3P3V_PWDN.PWM1 = 0 to power up the pin. For more details on the VDD3P3V_PWDN.PWM1 field,
see Section 3.2, Power Considerations.
3.7.3.12 CLKOUT Block
This block of 1 pin consists of CLKOUT, PWM2, and GPIO muxed pin (CLKOUT0/PWM2/GP[84]). The
PINMUX1.CKOBK register field selects the pin function in the CLKOUT Block.
Table 3-38 summarizes the 1 pin in the CLKOUT Block, its multiplexed function, and the PINMUX
configurations to select the corresponding function.
110
Device Configurations
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com