Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664ACLZWT Datasheet(PDF) 113 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664ACLZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664ACLZWT Datasheet(HTML) 113 Page - Texas Instruments

Back Button TNETV2664ACLZWT Datasheet HTML 109Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 110Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 111Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 112Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 113Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 114Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 115Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 116Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 117Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
Table 3-40. EMIFA Block Major Configuration Choices
MAJOR
PINMUX SELECTION FIELDS
RESULTING PERIPHERALS/PINS
CONFIG.
PCIEN
AEM
RMII
CS3SEL
CS4SEL
CS5SEL
PCI
(1)
EMIFA
(2)
RMII
GPIO
OPTION
58 GP Pins:
A
0
000
0
0
0
0
-
-
-
GP[96:89], GP[54:5]
RMII:
50 GP Pins:
RMRXER, RMRXD[1:0],
B
0
000
1
0
0
0
-
-
GP[96:89], GP[54:53],
RMTXD[1:0], REFCLK,
GP[51:34], GP[26:5],
RMCRSDV, RMTXEN
16-bit EMIFA (Async) Pinout
Mode 2:
EM_A[21:0], EM_D[15:0],
13 GP pins:
EM_R/W, EM_CS2,
GP[54:52], GP[31:22]
EM_BA[1:0],
EM_WAIT/(RDY/BSY),
Optional Selection:
C
0
010
0
0 or 1
0 or 1
0 or 1
-
-
EM_WE, EM_OE
GP[33] (CS5SEL = 0),
GP[32] (CS4SEL = 0),
Optional Selection:
GP[13] (CS3SEL = 0)
EM_CS5 (CS5SEL = 1),
EM_CS4 (CS4SEL = 1),
EM_CS3 (CS3SEL = 1)
16-bit EMIFA (Async) Pinout
Mode 2:
EM_A[21:0], EM_D[15:0],
7 GP pins:
RMII:
EM_R/W, EM_CS2,
GP[54:53], GP[26:22]
RMRXER, RMRXD[1:0],
EM_BA[1:0],
D
0
010
1
0 or 1
0
0
-
RMTXD[1:0], REFCLK,
EM_WAIT/(RDY/BSY),
Optional Selection:
RMCRSDV, RMTXEN
EM_WE, EM_OE
GP[13] (CS3SEL = 0)
Optional Selection:
EM_CS3 (CS3SEL = 1)
8-bit EMIFA (NAND) Pinout
Mode 5:
44 GP pins:
EM_D[7:0], EM_A[2:1],
GP[96:89], GP[54:34],
EM_CS2,
GP[31:22], GP[11:10],
EM_WAIT/(RDY/BSY),
GP[7:5]
E
0
101
0
0 or 1
0 or 1
0 or 1
-
-
EM_WE, EM_OE
Optional Selection:
Optional Selection:
GP[33] (CS5SEL = 0),
EM_CS5 (CS5SEL = 1),
GP[32] (CS4SEL = 0),
EM_CS4 (CS4SEL = 1),
GP[13] (CS3SEL = 0)
EM_CS3 (CS3SEL = 1)
8-bit EMIFA (NAND) Pinout
Mode 5:
38 GP pins:
EM_D[7:0], EM_A[2:1],
GP[96:89], GP[54:34],
RMII:
EM_CS2,
GP[26:22], GP[11:10],
RMRXER, RMRXD[1:0],
F
0
101
1
0 or 1
0
0
-
EM_WAIT/(RDY/BSY),
GP[7:5]
RMTXD[1:0], REFCLK,
EM_WE, EM_OE
RMCRSDV, RMTXEN
Optional Selection:
Optional Selection:
GP[13] (CS3SEL = 0)
EM_CS3 (CS3SEL = 1)
(1)
PCI pins span across multiple Pin Mux Blocks ( Section 3.7.3.2 , Peripherals Spanning Multiple Pin Mux Blocks). This table only refers to the PCI pins in the EMIFA Block.
(2)
The EMIFA pins EM_WAIT/(RDY/BSY), EM_OE, and EM_WE are non-multiplexed pins. They are available in all the configuration options. However, they are only useful if additional
EMIFA pins are functional. Therefore in this table, these pins are only listed in configuration options C,D,E,F,J, and K.
Copyright © 2007–2009, Texas Instruments Incorporated
Device Configurations
113
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com