Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664ACLZWT Datasheet(PDF) 115 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664ACLZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664ACLZWT Datasheet(HTML) 115 Page - Texas Instruments

Back Button TNETV2664ACLZWT Datasheet HTML 111Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 112Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 113Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 114Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 115Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 116Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 117Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 118Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 119Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
Table 3-41 shows the pin multiplexing control for each pin in the EMIFA Sub-Block 0. These PINMUX0 and PINMUX1 register fields control the
multiplexing in this sub-block:
•
PINMUX0: AEM, RMII
•
PINMUX1: PCIEN
Table 3-42 shows the pin multiplexing control for each pin in the EMIFA Sub-Block 1. These PINMUX0 register fields control the multiplexing in
this sub-block:
•
PINMUX0: AEM, CS5SEL, CS4SEL, CS3SEL, RMII
EMIFA Sub-Block 2 is dedicated to EMIFA pins EM_WAIT/(RDY/BSY), EM_OE, and EM_WE. There is no pin multiplexing in this block. These
pins always function as EMIFA control pins.
Table 3-43 shows the pin multiplexing control for each pin in the EMIFA Sub-Block 3. These PINMUX0 and PINMUX1 register fields control the
multiplexing in this sub-block:
•
PINMUX0: AEM
•
PINMUX1: PCIEN
Table 3-41. EMIFA Sub-Block 0 Pin-By-Pin Mux Control
MULTIPLEXED FUNCTIONS
SIGNAL NAME
EMIFA
PCI
EMAC(RMII)
GPIO
FUNCTION
SELECT
FUNCTION
SELECT
FUNCTION
SELECT
FUNCTION
SELECT
GP[54]
–
–
–
–
–
–
GP[54]
–
GP[53]
–
–
–
–
–
–
GP[53]
–
RMRXER/GP[52]
–
–
–
–
RMXER
RMII = 1
GP[52]
RMII = 0
EM_A[13]/AD25/GP[51]
EM_A[13]
PCIEN = 0
AD25
PCIEN = 1
–
–
GP[51]
PCIEN = 0
AEM = 2
AEM = 0/5
AEM = 0/5
EM_A[14]/AD27/GP[50]
EM_A[14]
AD27
–
–
GP[50]
EM_A[15]/AD29/GP[49]
EM_A[15]
AD29
–
–
GP[49]
EM_A[16]/PGNT/GP[48]
EM_A[16]
PGNT
–
–
GP[48]
EM_A[17]/AD31/GP[47]
EM_A[17]
AD31
–
–
GP[47]
EM_A[18]/PRST/GP[46]
EM_A[18]
PRST
–
–
GP[46]
EM_A[19]/PREQ/GP[45]
EM_A[19]
PREQ
–
–
GP[45]
EM_A[20]/PINTA/GP[44]
EM_A[20]
PINTA
–
–
GP[44]
Copyright © 2007–2009, Texas Instruments Incorporated
Device Configurations
115
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com