Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664ACLZWT Datasheet(PDF) 119 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664ACLZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664ACLZWT Datasheet(HTML) 119 Page - Texas Instruments

Back Button TNETV2664ACLZWT Datasheet HTML 115Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 116Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 117Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 118Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 119Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 120Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 121Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 122Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
3.8
Device Initialization Sequence After Reset
Software should follow this initialization sequence after coming out of device reset.
1. Complete the boot sequence as needed. For more details on the boot sequence, see the Using the
TMS320C642x Bootloader Application Report (literature number SPRAAK5).
2. If the device is not already at the desired operating frequency, program the PLL Controllers (PLLC1
and PLLC2) to configure the device frequency. For details on how to program the PLLC, see the
C642x DSP Phase-Locked Loop Controller (PLLC) User's Guide (literature number SPRUES0).
3. Program PINMUX0 and PINMUX1 registers to select device pin functions. For more details on
programming the PINMUX0 and PINMUX1 registers to select device pin functions, see Section 3.7,
Multiplexed Pin Configurations.
Note: If EMAC operation is desired, the EMAC must be placed in reset before programming
PINMUX1.HOSTBK and PINMUX1.RMII to select EMAC pins.
4. Program the VDD3P3V_PWDN register to power up the necessary I/O pins. For more details on
programming the VDD3P3V_PWDN register, see Section 3.2, Power Considerations.
5. As needed by the application, program the following System Module registers when there are no active
transactions on the respective peripherals:
(a) HPICTL (Section 3.6.2.1, HPI Control Register): applicable for HPI only if a different host burst
write timeout value from default is desired.
(b) TIMERCTL (Section 3.6.2.2, Timer Control Register): applicable for Timer0 and Watchdog Timer2
only.
(c) EDMATCCFG (Section 3.6.2.3, EDMA TC Configuration Register): applicable for EDMA only. The
recommendation is to leave the EDMATCCFG register at its default.
6. Program the Power and Sleep Controller (PSC) to enable the desired peripherals. For details on how
to program the PSC, see the TMS320C642x Power and Sleep Controller (PSC) User's Guide
(literature number SPRUEN8).
7. Program the Switched Central Resource (SCR) bus priorities for the master peripherals
(Section 3.6.1). This must be configured when there are no active transactions on the respective
peripherals:
(a) Program the MSTPRI0 and MSTPRI1 registers in the System Module. These registers can be
programmed before or after the respective peripheral is enabled by the PSC in step 6.
(b) Program the EDMACC QUEPRI register, the C64x+ MDMAARBE.PRI field. These registers can
only be programmed after the respective peripheral is enabled by the PSC in step 6.
8. Configure the C64x+ Megamodule and the peripherals.
(a) For details on C64x+ Megamodule configuration, see the TMS320C64x+ DSP Megamodule
Reference Guide (literature number SPRU871).
Special considerations: Bootloader disables C64x+ cache—For all boot modes that default to
DSPBOOTADDR = 0x0010 0000 (i.e., all boot modes except the EMIFA ROM Direct Boot,
BOOTMODE[3:0] = 0100, FASTBOOT = 0), the bootloader code disables all C64x+ cache (L2,
L1P, and L1D) so that upon exit from the bootloader code, all C64x+ memories are configured as
all RAM (L2CFG.L2MODE = 0h, L1PCFG.L1PMODE = 0h, and L1DCFG.L1DMODE = 0h). If cache
use is required, the application code must explicitly enable the cache. For more information on boot
modes, see Section 3.4.1, Boot Modes. For more information on the bootloader, see the Using the
TMS320C642x Bootloader Application Report (literature number SPRAAK5).
Copyright © 2007–2009, Texas Instruments Incorporated
Device Configurations
119
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com