Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664ACLZWT Datasheet(PDF) 116 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664ACLZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664ACLZWT Datasheet(HTML) 116 Page - Texas Instruments

Back Button TNETV2664ACLZWT Datasheet HTML 112Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 113Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 114Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 115Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 116Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 117Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 118Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 119Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 120Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
Table 3-41. EMIFA Sub-Block 0 Pin-By-Pin Mux Control (continued)
MULTIPLEXED FUNCTIONS
SIGNAL NAME
EMIFA
PCI
EMAC(RMII)
GPIO
FUNCTION
SELECT
FUNCTION
SELECT
FUNCTION
SELECT
FUNCTION
SELECT
EM_D[8]/GP[43]
EM_D[8]
AEM = 2
–
–
–
–
GP[43]
AEM = 0,5
EM_D[9]/GP[42]
EM_D[9]
–
–
–
–
GP[42]
EM_D[10]/GP[41]
EM_D[10]
–
–
–
–
GP[41]
EM_D[11]/GP[40]
EM_D[11]
–
–
–
–
GP[40]
EM_D[12]/GP[39]
EM_D[12]
–
–
–
–
GP[39]
EM_D[13]/GP[38]
EM_D[13]
–
–
–
–
GP[38]
EM_D[14]/GP[37]
EM_D[14]
–
–
–
–
GP[37]
EM_D[15]/GP[36]
EM_D[15]
–
–
–
–
GP[36]
EM_R/W/GP[35]
EM_R/W
–
–
–
–
GP[35]
EM_A[21]/GP[34]
EM_A[21]
–
–
–
–
GP[34]
Table 3-42. EMIFA Sub-Block 1 Pin-By-Pin Mux Control
MULTIPLEXED FUNCTIONS
SIGNAL
EMIFA
EMAC(RMII)
GPIO
NAME
FUNCTION
SELECT
FUNCTION
SELECT
FUNCTION
SELECT
EM_CS5
RMII = 0
RMRXD1
RMII = 1
GP[33]
RMII = 0
RMRXD1EM_CS5/GP[33]
CS5SEL = 1
CS5SEL = 0
CS5SEL = 0
EM_CS4
RMII = 0
RMRXD0
RMII = 1
GP[32]
RMII = 0
RMRXD0/EM_CS4/GP[32]
CS4SEL = 1
CS4SEL = 0
CS4SEL = 0
REFCLK/GP[31]
–
–
REFCLK
RMII = 1
GP[31]
RMII = 0
RMCRSDVGP[30]
–
–
RMCRSDV
GP[30]
RMTXEN/GP[29]
–
–
RMTXEN
GP[29]
RMTXD0/GP[28]
–
–
RMTXD0
GP[28]
RMTXD1/GP[27]
–
–
RMTXD1
GP[27]
GP[26]/(FASTBOOT)
–
–
–
–
GP[26]
–
GP[25]/(BOOTMODE3)
–
–
–
–
GP[25]
–
GP[24]/(BOOTMODE2)
–
–
–
–
GP[24]
–
GP[23]/(BOOTMODE1)
–
–
–
–
GP[23]
–
GP[22]/(BOOTMODE0)
–
–
–
–
GP[22]
–
EM_D[7]/GP[21]
EM_D[7]
AEM = 2/5
–
–
GP[21]
AEM = 0
EM_D[6]/GP[20]
EM_D[6]
–
–
GP[20]
EM_D[5]/GP[19]
EM_D[5]
–
–
GP[19]
EM_D[4]/GP[18]
EM_D[4]
–
–
GP[18]
EM_D[3]/GP[17]
EM_D[3]
–
–
GP[17]
EM_D[2]/GP[16]
EM_D[2]
–
–
GP[16]
EM_D[1]/GP[15]
EM_D[1]
–
–
GP[15]
EM_D[0]/GP[14]
EM_D[0]
–
–
GP[14]
116
Device Configurations
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com