Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664ACLZWT Datasheet(PDF) 178 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664ACLZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664ACLZWT Datasheet(HTML) 178 Page - Texas Instruments

Back Button TNETV2664ACLZWT Datasheet HTML 174Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 175Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 176Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 177Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 178Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 179Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 180Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 181Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 182Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
6.9.4
DDR2 Memory Controller
The DDR2 Memory Controller is a dedicated interface to DDR2 SDRAM. It supports JESD79D-2A
standard compliant DDR2 SDRAM Devices and can interface to either 16-bit or 32-bit DDR2 SDRAM
devices. For details on the DDR2 Memory Controller, see the TMS320C642x DSP Peripherals Overview
Reference Guide (literature number SPRUEM3) and the TMS320C642x DSP DDR2 Memory Controller
User's Guide (literature number SPRUEM4).
A memory map of the DDR2 Memory Controller registers is shown in Table 6-26.
Table 6-26. DDR2 Memory Controller Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0x01C4 004C
DDRVTPER
DDR2 VTP Enable Register
0x01C4 2038
DDRVTPR
DDR2 VTP Register
0x2000 0000 - 0x2000 0003
-
Reserved
0x2000 0004
SDRSTAT
SDRAM Status Register
0x2000 0008
SDBCR
SDRAM Bank Configuration Register
0x2000 000C
SDRCR
SDRAM Refresh Control Register
0x2000 0010
SDTIMR
SDRAM Timing Register
0x2000 0014
SDTIMR2
SDRAM Timing Register 2
0x2000 0020
PBBPR
Peripheral Bus Burst Priority Register
0x2000 0024 - 0x2000 00BF
-
Reserved
0x2000 00C0
IRR
Interrupt Raw Register
0x2000 00C4
IMR
Interrupt Masked Register
0x2000 00C8
IMSR
Interrupt Mask Set Register
0x2000 00CC
IMCR
Interrupt Mask Clear Register
0x2000 00D0 - 0x2000 00E3
-
Reserved
0x2000 00E4
DDRPHYCR
DDR PHY Control Register
0x2000 00E8 - 0x2000 00EF
-
Reserved
0x2000 00F0
VTPIOCR
DDR VTP IO Control Register
0x2000 00E8 - 0x2000 7FFF
-
Reserved
178
Peripheral Information and Electrical Specifications
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com