Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664ACLZWT Datasheet(PDF) 189 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664ACLZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664ACLZWT Datasheet(HTML) 189 Page - Texas Instruments

Back Button TNETV2664ACLZWT Datasheet HTML 185Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 186Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 187Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 188Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 189Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 190Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 191Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 192Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 193Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
6.12.3 HPI Electrical Data/Timing
Table 6-36. Timing Requirements for Host-Port Interface Cycles(1) (2) (see Figure 6-23 through
Figure 6-24)
-7/-6/-5/-4
-L/-Q6/-Q5/-Q4
NO.
UNIT
MIN
MAX
1
tsu(SELV-HSTBL)
Setup time, select signals(3) valid before HSTROBE low
5
ns
2
th(HSTBL-SELV)
Hold time, select signals(3) valid after HSTROBE low
2
ns
3
tw(HSTBL)
Pulse duration, HSTROBE active low
15
ns
4
tw(HSTBH)
Pulse duration, HSTROBE inactive high between consecutive accesses
2M
ns
11
tsu(HDV-HSTBH)
Setup time, host data valid before HSTROBE high
5
ns
12
th(HSTBH-HDV)
Hold time, host data valid after HSTROBE high
0
ns
Hold time, HSTROBE high after HRDY low. HSTROBE should not be
13
th(HRDYL-HSTBL)
inactivated until HRDY is active (low); otherwise, HPI writes will not
0
ns
complete properly.
(1)
HSTROBE refers to the following logical operation on HCS, HDS1, and HDS2: [NOT(HDS1 XOR HDS2)] OR HCS.
(2)
M = SYSCLK3 period = (CPU clock frequency)/6 in ns. For example, when running parts at 600 MHz, use M = 10 ns .
(3)
Select signals include: HCNTL[1:0], HR/W and HHWIL.
Copyright © 2007–2009, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
189
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com