Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664ACLZWT Datasheet(PDF) 133 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664ACLZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664ACLZWT Datasheet(HTML) 133 Page - Texas Instruments

Back Button TNETV2664ACLZWT Datasheet HTML 129Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 130Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 131Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 132Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 133Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 134Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 135Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 136Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 137Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
Table 6-1. C6424 Power and Clock Domains
Power Domain
Clock Domain
Peripheral/Module
Always On
CLKIN
UART0
Always On
CLKIN
UART1
Always On
CLKIN
I2C
Always On
CLKIN
Timer0
Always On
CLKIN
Timer1
Always On
CLKIN
Timer2
Always On
CLKIN
PWM0
Always On
CLKIN
PWM1
Always On
CLKIN
PWM2
Always On
CLKDIV3
DDR2
Always On
CLKDIV3
EDMA
Always On
CLKDIV3
PCI
Always On
CLKDIV3
SCR
Always On
CLKDIV6
GPSC
Always On
CLKDIV6
LPSCs
Always On
CLKDIV6
PLLC1
Always On
CLKDIV6
PLLC2
Always On
CLKDIV6
Ice Pick
Always On
CLKDIV6
EMIFA
Always On
CLKDIV6
HPI
Always On
CLKDIV6
VLYNQ
Always On
CLKDIV6
EMAC
Always On
CLKDIV6
McASP0
Always On
CLKDIV6
McBSP0
Always On
CLKDIV6
McBSP1
Always On
CLKDIV6
GPIO
Always On
CLKDIV1
C64x+ CPU
Table 6-2. C6424 Clock Domains
DOMAIN CLOCK
FIXED RATIO vs.
EXAMPLE
SUBSYSTEM
CLOCK DOMAIN
SOURCE
SYSCLK1 FREQUENCY
FREQUENCY (MHz)
Peripherals (CLKIN Domain)
CLKIN
PLLC1 AUXCLK(1)
–
25 MHz
DSP
CLKDIV1
PLLC1 SYSCLK1
1:1
600 MHz
EDMA3
CLKDIV3
PLLC1 SYSCLK2
1:3
200 MHz
Peripherals (CLKDIV3 Domain)
CLKDIV3
PLLC1 SYSCLK2
1:3
200 MHz
Peripherals (CLKDIV6 Domain)
CLKDIV6
PLLC1 SYSCLK3
1:6
100 MHz
(1)
PLLC1 AUXCLK runs at exactly the same frequency as the device clock source from the MXI/CLKIN pin.
Copyright © 2007–2009, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
133
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com