Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIBZWT Datasheet(PDF) 162 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIBZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIBZWT Datasheet(HTML) 162 Page - Texas Instruments

Back Button TNETV2664FIBZWT Datasheet HTML 158Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 159Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 160Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 161Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 162Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 163Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 164Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 165Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 166Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 249 page
background image
PLL
PWR18
C2
C1
EMIFilter
+1.8V
0.01µF
C642x
PLL2
PLL1
0.1µF
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
6.7
Clock PLLs
There are two independently controlled PLLs on C6424. PLL1 generates the frequencies required for the
DSP, DMA, and other peripherals. PLL2 generates the frequencies required for the DDR2 interface. The
recommended reference clock for both PLLs is the 15–30-MHz crystal input.
6.7.1
PLL1 and PLL2
Both PLL1 and PLL2 power is supplied externally via the 1.8 V PLL power-supply pin (PLLPWR18). An
external EMI filter circuit must be added to PLLPWR18, as shown in Figure 6-11. The 1.8-V supply of the
EMI filter must be from the same 1.8-V power plane supplying the device’s 1.8-V I/O power-supply pins
(DVDDDR2). TI recommends EMI filter manufacturer Murata, part number NFM18CC222R1C3.
All PLL external components (C1, C2, and the EMI Filter) must be placed as close to the device as
possible. For the best performance, TI recommends that all the PLL external components be on a single
side of the board without jumpers, switches, or components other than the ones shown in Figure 6-11. For
reduced PLL jitter, maximize the spacing between switching signals and the PLL external components
(C1, C2, and the EMI Filter).
Figure 6-11. PLL1 and PLL2 External Connection
The minimum CLKIN rise and fall times should also be observed. For the input clock timing requirements,
see Section 6.7.4, Clock PLL Electrical Data/Timing (Input and Output Clocks).
There is an allowable range for PLL multiplier (PLLM). There is a minimum and maximum operating
frequency for MXI/CLKIN, PLLOUT, and the device clocks (SYSCLKs). The PLL Controllers must be
configured not to exceed any of these constraints documented in this section (certain combinations of
external clock inputs, internal dividers, and PLL multiply ratios might not be supported). For these
constraints (ranges), see Table 6-14 through Table 6-16.
Table 6-14. PLL1 and PLL2 Multiplier Ranges
PLL MULTIPLIER (PLLM)
MIN
MAX
PLL1 Multiplier
x14
x32
PLL2 Multiplier
x14
x32
162
Peripheral Information and Electrical Specifications
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com