Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIBZWT Datasheet(PDF) 165 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIBZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIBZWT Datasheet(HTML) 165 Page - Texas Instruments

Back Button TNETV2664FIBZWT Datasheet HTML 161Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 162Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 163Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 164Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 165Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 166Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 167Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 168Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 169Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
6.7.2
PLL Controller Register Description(s)
A summary of the PLL controller registers is shown in Table 6-18. For more details, see the
TMS320C642x DSP Phase-Locked Loop Controller (PLLC) User's Guide (literature number SPRUES0).
Table 6-18. PLL and Reset Controller Registers Memory Map
HEX ADDRESS RANGE
REGISTER ACRONYM
DESCRIPTION
PLL1 Controller Registers
0x01C4 0800
PID
Peripheral ID Register
0x01C4 08E4
RSTYPE
Reset Type Register
0x01C4 0900
PLLCTL
PLL Controller 1 PLL Control Register
0x01C4 0910
PLLM
PLL Controller 1 PLL Multiplier Control Register
0x01C4 0918
PLLDIV1
PLL Controller 1 Divider 1 Register (SYSCLK1)
0x01C4 091C
PLLDIV2
PLL Controller 1 Divider 2 Register (SYSCLK2)
0x01C4 0920
PLLDIV3
PLL Controller 1 Divider 3 Register (SYSCLK3)
0x01C4 0924
OSCDIV1
PLL Controller 1 Oscillator Divider 1 Register (OBSCLK) [CLKOUT0 pin]
0x01C4 0928
–
Reserved
0x01C4 092C
–
Reserved
0x01C4 0938
PLLCMD
PLL Controller 1 Command Register
0x01C4 093C
PLLSTAT
PLL Controller 1 Status Register (Shows PLLC1 Status)
PLL Controller 1 Clock Align Control Register
0x01C4 0940
ALNCTL
(Indicates Which SYSCLKs Need to be Aligned for Proper Device Operation)
PLL Controller 1 PLLDIV Divider Ratio Change Status Register
0x01C4 0944
DCHANGE
(Indicates if SYSCLK Divide Ratio has Been Modified)
0x01C4 0948
CKEN
PLL Controller 1 Clock Enable Control Register
0x01C4 094C
CKSTAT
PLL Controller 1 Clock Status Register (For All Clocks Except SYSCLKx)
0x01C4 0950
SYSTAT
PLL Controller 1 SYSCLK Status Register (Indicates SYSCLK on/off Status)
0x01C4 0960
–
Reserved
0x01C4 0964
–
Reserved
PLL2 Controller Registers
0x01C4 0C00
PID
Peripheral ID Register
0x01C4 0D00
PLLCTL
PLL Controller 2 PLL Control Register
0x01C4 0D10
PLLM
PLL Controller 2 PLL Multiplier Control Register
0x01C4 0D18
PLLDIV1
PLL Controller 2 Divider 1 Register (SYSCLK1)
0x01C4 0D1C
–
Reserved
0x01C4 0D20 - 0x01C4 0D2C
–
Reserved
0x01C4 0D2C
BPDIV
PLL Controller 2 Bypass Divider Register (SYSCLKBP)
0x01C4 0D38
PLLCMD
PLL Controller 2 Command Register
0x01C4 0D3C
PLLSTAT
PLL Controller 2 Status Register (Shows PLLC2 Status)
PLL Controller 2 Clock Align Control Register
0x01C4 0D40
ALNCTL
(Indicates Which SYSCLKs Need to be Aligned for Proper Device Operation)
PLL Controller 2 PLLDIV Divider Ratio Change Status Register
0x01C4 0D44
DCHANGE
(Indicates if SYSCLK Divide Ratio has Been Modified)
0x01C4 0D48
–
Reserved
0x01C4 0D4C
CKSTAT
PLL Controller 2 Clock Status Register (For All Clocks Except SYSCLKx)
0x01C4 0D50
SYSTAT
PLL Controller 2 SYSCLK Status Register (Indicates SYSCLK on/off Status)
0x01C4 0D54 - 0x01C4 0FFF
–
Reserved
Copyright © 2007–2009, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
165
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com