Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIBZWT Datasheet(PDF) 104 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIBZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIBZWT Datasheet(HTML) 104 Page - Texas Instruments

Back Button TNETV2664FIBZWT Datasheet HTML 100Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 101Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 102Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 103Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 104Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 105Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 106Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 107Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
The PINMUX1.PCIEN field is read-only, and its setting is determined by the PCIEN configuration pin.
Based on the PCIEN configuration pin setting, the 27 pins in the Host Block defaults to either PCI or GPIO
function.
In addition, the VDD3P3V_PWDN.HOST field determines the power state of the Host Block pins. The
Host Block pins default to powered up. For more details on the VDD3P3V_PWDN.HOST field, see
Section 3.2, Power Considerations.
3.7.3.4
PCI Data Block
This block of 3 pins consists of 3 PCI Address/Data pins—AD30, AD28, AD26. The PINMUX1.PCIEN
register field affects the pin functions in the PCI Data Block.
As discussed in Section 3.7.3.2, Peripherals Spanning Multiple Pin Mux Blocks, PCI pins span across the
following Pin Mux Blocks: Host Block, EMIFA Block Sub-Block 0 and Sub-Block 3, PCI Data Block, and
GPIO Block. For proper PCI operation, PCI must be selected in all of these Pin Mux Blocks.
The 3 pins in the PCI Data Block are not muxed with any other peripherals. However, the
PINMUX1.PCIEN field controls the internal pullup/pulldown resistors on these pins. For PCI operation
(PCIEN = 1), the internal pullup/pulldown resistors are disabled. If the device does not support PCI
(PCIEN = 0), the internal pullup/pulldown resistors on these pins are enabled so that the user can leave
these pins unconnected on the board.
Table 3-22 shows the Host Block pin selection based on PINMUX1.PCIEN setting.
Table 3-22. PCI Data Block Pin Control
PINMUX1.PCIEN
BLOCK FUNCTION
RESULTING PIN FUNCTIONS
No Connect Pins
No Connect Pins
0
(Default if PCIEN = 0)
Internal pullup/pulldown enabled. Leave these three pins unconnected on the board.
PCI
1
PCI: AD26, AD28, AD30
(Default if PCIEN = 1)
3.7.3.5
GPIO Block Muxing
This block of 4 pins consists of PCI and GPIO muxed pins. The PINMUX1.PCIEN register field selects the
pin functions in the GPIO Block.
Table 3-23 summarizes the 4 pins in the GPIO Block, the multiplexed function on each pin, and the
PINMUX configurations to select the corresponding function.
Table 3-23. GPIO Block Muxed Pins Selection
MULTIPLEXED FUNCTIONS
SIGNAL
PCI
GPIO
NAME
FUNCTION
SELECT
FUNCTION
SELECT
AD0/GP[0]
AD0
GP[0]
AD1/GP[1]
AD1
GP[1]
PCIEN = 1(1)
PCIEN = 0(1)
AD2/GP[2]
AD2
GP[2]
AD4/GP[3]
AD4
GP[3]
(1)
If PCIEN = 1, the internal pullup/pulldown on all GPIO Block pins are disabled. If PCIEN = 0, the internal pullup/pulldown on all GPIO
Block pins are enabled.
As discussed in Section 3.7.3.2, Peripherals Spanning Multiple Pin Mux Blocks, PCI pins span across the
following Pin Mux Blocks: Host Block, EMIFA Block Sub-Block 0 and Sub-Block 3, PCI Data Block, and
GPIO Block. For proper PCI operation, PCI must be selected in all of these Pin Mux Blocks.
Table 3-24 provides a different view of the GPIO Block pin muxing, showing the GPIO Block function
based on PINMUX1.PCIEN setting. The selection options are also shown pictorially in Figure 3-10.
104
Device Configurations
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com