Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIBZWT Datasheet(PDF) 108 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIBZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIBZWT Datasheet(HTML) 108 Page - Texas Instruments

Back Button TNETV2664FIBZWT Datasheet HTML 104Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 105Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 106Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 107Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 108Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 109Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 110Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 111Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
Table 3-32. Timer1 Block Function Selection (continued)
PINMUX1.TIM1BK
BLOCK FUNCTION
RESULTING PIN FUNCTIONS
10
UART1 Data
UART1: URXD1, UTXD1
11
Reserved
Reserved
In addition, the VDD3P3V_PWDN.TIMER1 field determines the power state of the Timer1 Block pins. The
Timer1 Block pins default to powered down and not operational. To use these pins, user must first
program
VDD3P3V_PWDN.TIMER1
=
0
to
power
up
the
pins.
For
more
details
on
the
VDD3P3V_PWDN.TIMER1 field, see Section 3.2, Power Considerations.
The Timer1 Block features internal pull up resistors, which matches the UART inactive polarity.
3.7.3.10
Serial Port Block
This block of 12 pins consists of McASP0, McBSP0, McBSP1, and GPIO muxed pins. The following
register fields select the pin functions in the Serial Port Block:
PINMUX1.SPBK0
PINMUX1.SPBK1
The Serial Port Block is further subdivided into these sub-blocks:
Serial Port Sub-Block 0: McBSP0, part of McASP0, GPIO.
Serial Port Sub-Block 1: McBSP1, part of McASP0, GPIO.
Table 3-33 summarizes the 12 pins in the Serial Port Block, the multiplexed function on each pin, and the
PINMUX configurations to select the corresponding function.
108
Device Configurations
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com