Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIBZWT Datasheet(PDF) 109 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIBZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIBZWT Datasheet(HTML) 109 Page - Texas Instruments

Back Button TNETV2664FIBZWT Datasheet HTML 105Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 106Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 107Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 108Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 109Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 110Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 111Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 112Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 113Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
Table 3-33. Serial Port Block Muxed Pins Selection
MULTIPLEXED FUNCTIONS
SIGNAL NAME
McASP0
McBSP0/1
GPIO
FUNCTION
SELECT
FUNCTION
SELECT
FUNCTION
SELECT
Serial Port Sub-block 0
ACLKR0/CLKX0/GP[99]
ACLKR0
CLKX0
GP[99]
AFSR0/DR0/GP[100]
AFSR0
DR0
GP[100]
AHCLKR0/CLKR0/GP[101]
AHCLKR0
CLKR0
GP[101]
SPBK0 = 10
SPBK0 = 01
SPBK0 = 00
AXR0[3]/FSR0/GP[102]
AXR0[3]
FSR0
GP[102]
AXR0[2]/FSX0/GP[103]
AXR0[2]
FSX0
GP[103]
AXR0[1]/DX0/GP[104]
AXR0[1]
DX0
GP[104]
Serial Port Sub-block 1
AXR0[0]/FSR1/GP[105]
AXR0[0]
SPBK1 = 10/11
FSR1
SPBK1 = 01
GP[105]
ACLKX0/CLKX1/GP[106]
SPBK1 =
ACLKX0
SPBK1 = 10
CLKX1
GP[106]
01/11
AFSX0/DX1/GP[107]
SPBK1 =
AFSX0
SPBK1 = 10
DX1
GP[107]
01/11
SPBK1 = 00
AHCLKX0/CLKR1/GP[108]
AHCLKX0
SPBK1 = 10/11
CLKR1
SPBK1 = 01
GP[108]
AMUTEIN0/FSX1/GP[109]
SPBK1 =
AMUTEIN0
SPBK1 = 10
FSX1
GP[109]
01/11
AMUTE0/DR1/GP[110]
AMUTE0
SPBK1 = 10/11
DR1
SPBK1 = 01
GP[110]
As discussed in Section 3.7.3.2, Peripherals Spanning Multiple Pin Mux Blocks, the McBSP0 pins span
across two Pin Mux Blocks: Serial Port Sub-Block0, and Timer0 Block. For proper McBSP0 operation, the
Serial Port Sub-Block0 must be programmed to select McBSP0 function. The McBSP0 CLKS0 pin in the
Timer0 Block is optional for McBSP0 operation. CLKS0 is only needed if you desire using CLKS0 as an
external clock source to the McBSP0 internal sample rate generator.
Similarly, as discussed in Section 3.7.3.2, Peripherals Spanning Multiple Pin Mux Blocks, the McBSP1
pins span across two Pin Mux Blocks: Serial Port Sub-Block1, and Timer0 Block. For proper McBSP1
operation, the Serial Port Sub-Block1 must be programmed to select McBSP1 function. The McBSP1
CLKS1 pin in the Timer0 Block is optional for McBSP1 operation. CLKS1 is only needed if you desire
using CLKS1 as an external clock source to the McBSP1 internal sample rate generator.
Table 3-34 and Table 3-35 provide a different view of the Serial Port Block. Table 3-34 shows the Serial
Port Sub-Block 0 function based on PINMUX1.SPBK0 setting. Table 3-35 shows the Serial Port Sub-Block
1 function based on PINMUX1.SPBK1 setting. These selection options are also shown pictorially in
Figure 3-10.
Table 3-34. Serial Port Sub-Block 0 Function Selection
PINMUX1.SPBK0
BLOCK FUNCTION
RESULTING PIN FUNCTIONS
00
GPIO (6) (default)
GPIO: GP[104:99]
01
McBSP0
McBSP0: CLKX0, FSX0, DX0, CLKR0, FSR0, DR0
McASP0: ACLKR0, AFSR0, AHCLKR0, AXR0[3],
10
McASP0 Receive, 3 Serializers
AXR0[2], AXR0[1]
11
Reserved
Reserved
Table 3-35. Serial Port Sub-Block 1 Function Selection
PINMUX1.SPBK1
BLOCK FUNCTION
RESULTING PIN FUNCTIONS
00
GPIO (6) (default)
GPIO: GP[110:105]
01
McBSP1
McBSP1: CLKX1, FSX1, DX1, CLKR1, FSR1, DR1
Copyright © 2007–2009, Texas Instruments Incorporated
Device Configurations
109
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com