Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIBZWT Datasheet(PDF) 123 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIBZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIBZWT Datasheet(HTML) 123 Page - Texas Instruments

Back Button TNETV2664FIBZWT Datasheet HTML 119Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 120Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 121Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 122Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 123Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 124Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 125Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 126Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 127Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
4
System Interconnect
On the C6424 device, the C64x+ Megamodule, the EDMA3 transfer controllers, and the system
peripherals are interconnected through a switch fabric architecture (see Figure 4-1). The switch fabric is
composed of multiple switched central resources (SCRs) and multiple bridges. The SCRs establish
low-latency connectivity between master peripherals and slave peripherals. Additionally, the SCRs provide
priority-based arbitration and facilitate concurrent data movement between master and slave peripherals.
Through an SCR, the DSP can send data to the DDR2 Memory Controller without affecting a data transfer
between the EMAC and L2 memory. Bridges are mainly used to perform bus-width conversion as well as
bus operating frequency conversion. For example, in Figure 4-1, Bridge 6 performs a frequency
conversion between a bus operating at DSP/3 clock rate and a bus operating at DSP/6 clock rate.
Furthermore, Bridge 5 performs a bus-width conversion between a 64-bit bus and a 32-bit bus.
The C64x+ Megamodule, the EDMA3 transfer controllers (EDMA3TC[2:0]), and the various system
peripherals can be classified into two categories: master peripherals and slave peripherals. Master
peripherals are typically capable of initiating read and write transfers in the system and do not rely on the
EDMA3 or on the CPU to perform transfers to and from them. The system master peripherals include the
C64x+ Megamodule, the EDMA3 transfer controllers, VLYNQ, EMAC, HPI, and PCI. Not all master
peripherals may connect to all slave peripherals. The supported connections are designated by an Y in
Table 4-1.
Table 4-1. System Connection Matrix
SLAVE PERIPHERALS/MODULES
MASTER
DDR2
C64x+
PCI
SCR2, SCR6,
PERIPHERALS/MODULES
MEMORY
SCR4(1)
SDMA
(MASTER BACK-END I/F)
SCR7, SCR8(1)
CONTROLLER
C64x+ MDMA
Y
Y
Y
PCI (SLAVE BACK-END I/F)
Y
Y
Y
Y
VLYNQ
Y
Y
Y
Y
EMAC
Y
Y
Y
Y
HPI
Y
Y
Y
Y
EDMA3TC's
Y
Y
Y
Y
Y
(EDMA3TC2/TC1/TC0)
C64x+ CFG
Y
Y
(1)
All the peripherals/modules that support a connection to SCR2, SCR4, SCR6, SCR7, and SCR8 have access to all peripherals/modules
connected to those respective SCRs.
4.1
System Interconnect Block Diagram
Figure 4-1 displays the C6424 system interconnect block diagram. The following is a list that helps in the
interpretation of this diagram:
The direction of the arrows indicates either a bus master or bus slave.
The arrow originates at a bus master and terminates at a bus slave.
The direction of the arrows does not indicate the direction of data flow. Data flow is typically
bi-directional for each of the documented bus paths.
The pattern of each arrow's line indicates the clock rate at which it is operating— i.e., either DSP/3,
DSP/6, or MXI/CLKIN clock rate.
A peripheral may have multiple instances shown in Figure 4-1 for the following reason:
The peripheral/module has master port(s) for data transfers, as well as slave port(s) for register
access, data access, and/or memory access. Examples of these peripherals are C64x+
Megamodule, EDMA3, VLYNQ, HPI, EMAC, and PCI.
Copyright © 2007–2009, Texas Instruments Incorporated
System Interconnect
123
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com