Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIBZWT Datasheet(PDF) 125 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIBZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIBZWT Datasheet(HTML) 125 Page - Texas Instruments

Back Button TNETV2664FIBZWT Datasheet HTML 121Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 122Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 123Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 124Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 125Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 126Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 127Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 128Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 129Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
5
Device Operating Conditions
5.1
Absolute Maximum Ratings Over Operating Temperature Range (Unless Otherwise
Noted)
(1)
Supply voltage ranges:
Core (CVDD)
(2)
–0.5 V to 1.5 V
I/O, 3.3V (DVDD33)
(2)
–0.5 V to 4.2 V
I/O, 1.8V (DVDDR2, DDR_VDDDLL, PLLPWR18, MXVDD)
(2)
–0.5 to 2.5 V
Input voltage ranges:
VI I/O, 3.3-V pins (except PCI-capable pins)
–0.5 V to 4.2 V
VI I/O, 3.3-V pins PCI-capable pins
–0.5 V to DVDD33 + 0.5 V
VI I/O, 1.8 V
–0.5 V to 2.5 V
Output voltage ranges:
VO I/O, 3.3-V pins (except PCI-capable pins)
–0.5 V to 4.2 V
VO I/O, 3.3-V pins PCI-capable pins
–0.5 V to DVDD33 + 0.5 V
VO I/O, 1.8 V
–0.5 V to 2.5 V
Operating Junction temperature
Commercial
0°C to 90°C
ranges, TJ:
Automotive (Q or S suffix)
–40°C to 125°C
Storage temperature range, Tstg
(default)
–65°C to 150°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to VSS.
Copyright © 2007–2009, Texas Instruments Incorporated
Device Operating Conditions
125
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com