Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIBZWT Datasheet(PDF) 137 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIBZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIBZWT Datasheet(HTML) 137 Page - Texas Instruments

Back Button TNETV2664FIBZWT Datasheet HTML 133Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 134Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 135Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 136Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 137Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 138Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 139Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 140Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 141Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
Table 6-5. PSC Register Memory Map (continued)
REGISTER
HEX ADDRESS RANGE
DESCRIPTION
ACRONYM
0x01C4 1800
-
Reserved
0x01C4 1804
-
Reserved
0x01C4 1808
MDSTAT2
Module Status 2 Register (EDMACC)
0x01C4 180C
MDSTAT3
Module Status 3 Register (EDMATC0)
0x01C4 1810
MDSTAT4
Module Status 4 Register (EDMATC1)
0x01C4 1814
MDSTAT5
Module Status 5 Register (EDMATC2)
0x01C4 1818
MDSTAT6
Module Status 6 Register (EMAC Memory Controller)
0x01C4 181C
MDSTAT7
Module Status 7 Register (MDIO)
0x01C4 1820
MDSTAT8
Module Status 8 Register (EMAC)
0x01C4 1824
MDSTAT9
Module Status 9 Register (McASP0)
0x01C4 1828
-
Reserved
0x01C4 182C
MDSTAT11
Module Status 11 Register (VLYNQ)
0x01C4 1830
MDSTAT12
Module Status 12 Register (HPI)
0x01C4 1834
MDSTAT13
Module Status 13 Register (DDR2)
0x01C4 1838
MDSTAT14
Module Status 14 Register (EMIFA)
0x01C4 183C
MDSTAT15
Module Status 15 Register (PCI)
0x01C4 1840
MDSTAT16
Module Status 16 Register (McBSP0)
0x01C4 1844
MDSTAT17
Module Status 17 Register (McBSP1)
0x01C4 1848
MDSTAT18
Module Status 18 Register (I2C)
0x01C4 184C
MDSTAT19
Module Status 19 Register (UART0)
0x01C4 1850
MDSTAT20
Module Status 20 Register (UART1)
0x01C4 1854
-
Reserved
0x01C4 1858
-
Reserved
0x01C4 185C
MDSTAT23
Module Status 23 Register (PWM0)
0x01C4 1860
MDSTAT24
Module Status 24 Register (PWM1)
0x01C4 1864
MDSTAT25
Module Status 25 Register (PWM2)
0x01C4 1868
MDSTAT26
Module Status 26 Register (GPIO)
0x01C4 186C
MDSTAT27
Module Status 27 Register (TIMER0)
0x01C4 1870
MDSTAT28
Module Status 28 Register (TIMER1)
0x01C4 1874 - 0x01C4 189B
-
Reserved
0x01C4 189C
MDSTAT39
Module Status 39 Register (C64x+ CPU)
0x01C4 18A0
-
Reserved
0x01C4 18A4 - 0x01C4 19FF
-
Reserved
0x01C4 1A00
-
Reserved
0x01C4 1A04
-
Reserved
0x01C4 1A08
MDCTL2
Module Control 2 Register (EDMACC)
0x01C4 1A0C
MDCTL3
Module Control 3 Register (EDMATC0)
0x01C4 1A10
MDCTL4
Module Control 4 Register (EDMATC1)
0x01C4 1A14
MDCTL5
Module Control 5 Register (EDMATC2)
0x01C4 1A18
MDCTL6
Module Control 6 Register (EMAC Memory Controller)
0x01C4 1A1C
MDCTL7
Module Control 7 Register (MDIO)
0x01C4 1A20
MDCTL8
Module Control 8 Register (EMAC)
0x01C4 1A24
MDCTL9
Module Control 9 Register (McASP0)
0x01C4 1A28
-
Reserved
0x01C4 1A2C
MDCTL11
Module Control 11 Register (VLYNQ)
0x01C4 1A30
MDCTL12
Module Control 12 Register (HPI)
Copyright © 2007–2009, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
137
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com