Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIBZWT Datasheet(PDF) 140 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIBZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIBZWT Datasheet(HTML) 140 Page - Texas Instruments

Back Button TNETV2664FIBZWT Datasheet HTML 136Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 137Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 138Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 139Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 140Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 141Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 142Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 143Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 144Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
Table 6-6. C6424 EDMA Channel Synchronization Events (1) (continued)
EDMA
EVENT NAME
EVENT DESCRIPTION
CHANNEL
42
GPBNKINT2
GPIO Bank 2 Interrupt
43
GPBNKINT3
GPIO Bank 3 Interrupt
44
GPBNKINT4
GPIO Bank 4 Interrupt
45
GPBNKINT5
GPIO Bank 5 Interrupt
46
GPBNKINT6
GPIO Bank 6 Interrupt
47
Reserved
48
TEVTL0
Timer 0 Event Low Interrupt
49
TEVTH0
Timer 0 Event High Interrupt
50
TEVTL1
Timer 1 Event Low Interrupt
51
TEVTH1
Timer 1 Event High Interrupt
52
PWM0
PWM 0 Event
53
PWM1
PWM 1 Event
54
PWM2
PWM 2 Event
55-63
Reserved
6.4.2
EDMA Peripheral Register Description(s)
Table 6-7 lists the EDMA registers, their corresponding acronyms, and C6424 device memory locations.
Table 6-7. C6424 EDMA Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
Channel Controller Registers
0x01C0 0000 - 0x01C0 0003
Reserved
0x01C0 0004
CCCFG
EDMA3CC Configuration Register
0x01C0 0008 - 0x01C0 01FF
Reserved
Global Registers
0x01C0 0200
QCHMAP0
QDMA Channel 0 Mapping to PaRAM Register
0x01C0 0204
QCHMAP1
QDMA Channel 1 Mapping to PaRAM Register
0x01C0 0208
QCHMAP2
QDMA Channel 2 Mapping to PaRAM Register
0x01C0 020C
QCHMAP3
QDMA Channel 3 Mapping to PaRAM Register
0x01C0 0210
QCHMAP4
QDMA Channel 4 Mapping to PaRAM Register
0x01C0 0214
QCHMAP5
QDMA Channel 5 Mapping to PaRAM Register
0x01C0 0218
QCHMAP6
QDMA Channel 6 Mapping to PaRAM Register
0x01C0 021C
QCHMAP7
QDMA Channel 7 Mapping to PaRAM Register
0x01C0 0240
DMAQNUM0
DMA Queue Number Register 0 (Channels 00 to 07)
0x01C0 0244
DMAQNUM1
DMA Queue Number Register 1 (Channels 08 to 15)
0x01C0 0248
DMAQNUM2
DMA Queue Number Register 2 (Channels 16 to 23)
0x01C0 024C
DMAQNUM3
DMA Queue Number Register 3 (Channels 24 to 31)
0x01C0 0250
DMAQNUM4
DMA Queue Number Register 4 (Channels 32 to 39)
0x01C0 0254
DMAQNUM5
DMA Queue Number Register 5 (Channels 40 to 47)
0x01C0 0258
DMAQNUM6
DMA Queue Number Register 6 (Channels 48 to 55)
0x01C0 025C
DMAQNUM7
DMA Queue Number Register 7 (Channels 56 to 63)
0x01C0 0260
QDMAQNUM
CC QDMA Queue Number
0x01C0 0264 - 0x01C0 0283
Reserved
0x01C0 0284
QUEPRI
Queue Priority Register
0x01C0 0288 - 0x01C0 02FF
Reserved
0x01C0 0300
EMR
Event Missed Register
140
Peripheral Information and Electrical Specifications
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com