Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIBZWT Datasheet(PDF) 146 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIBZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIBZWT Datasheet(HTML) 146 Page - Texas Instruments

Back Button TNETV2664FIBZWT Datasheet HTML 142Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 143Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 144Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 145Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 146Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 147Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 148Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 149Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 150Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
Table 6-7. C6424 EDMA Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
0x01C1 0200 - 0x01C1 023F
-
Reserved
0x01C1 0240
SAOPT
EDMA3 TC0 Source Active Options Register
0x01C1 0244
SASRC
EDMA3 TC0 Source Active Source Address Register
0x01C1 0248
SACNT
EDMA3 TC0 Source Active Count Register
0x01C1 024C
SADST
EDMA3 TC0 Source Active Destination Address Register
0x01C1 0250
SABIDX
EDMA3 TC0 Active B-Index Register
0x01C1 0254
SAMPPRXY
EDMA3 TC0 Source Active Memory Protection Proxy Register
0x01C1 0258
SACNTRLD
EDMA3 TC0 Source Active Count Reload Register
0x01C1 025C
SASRCBREF
EDMA3 TC0 Source Active Source Address B-Reference Register
0x01C1 0260
SADSTBREF
EDMA3 TC0 Source Active Destination Address B-Reference Register
0x01C1 0264 - 0x01C1 027F
-
Reserved
0x01C1 0280
DFCNTRLD
EDMA3 TC0 Destination FIFO Set Count Reload Register
0x01C1 0284
DFSRCBREF
EDMA3 TC0 Destination FIFO Set Source Address B-Reference Register
EDMA3 TC0 Destination FIFO Set Destination Address B-Reference
0x01C1 0288
DFDSTBREF
Register
0x01C1 028C - 0x01C1 02FF
-
Reserved
0x01C1 0300
DFOPT0
EDMA3 TC0 Destination FIFO Options Register 0
0x01C1 0304
DFSRC0
EDMA3 TC0 Destination FIFO Source Address Register 0
0x01C1 0308
DFCNT0
EDMA3 TC0 Destination FIFO Count Register 0
0x01C1 030C
DFDST0
EDMA3 TC0 Destination FIFO Destination Address Register 0
0x01C1 0310
DFBIDX0
EDMA3 TC0 Destination FIFO B-Index Register 0
0x01C1 0314
DFMPPRXY0
EDMA3 TC0 Destination FIFO Memory Protection Proxy Register 0
0x01C1 0318 - 0x01C1 033F
-
Reserved
0x01C1 0340
DFOPT1
EDMA3 TC0 Destination FIFO Options Register 1
0x01C1 0344
DFSRC1
EDMA3 TC0 Destination FIFO Source Address Register 1
0x01C1 0348
DFCNT1
EDMA3 TC0 Destination FIFO Count Register 1
0x01C1 034C
DFDST1
EDMA3 TC0 Destination FIFO Destination Address Register 1
0x01C1 0350
DFBIDX1
EDMA3 TC0 Destination FIFO B-Index Register 1
0x01C1 0354
DFMPPRXY1
EDMA3 TC0 Destination FIFO Memory Protection Proxy Register 1
0x01C1 0358 - 0x01C1 037F
-
Reserved
0x01C1 0380
DFOPT2
EDMA3 TC0 Destination FIFO Options Register 2
0x01C1 0384
DFSRC2
EDMA3 TC0 Destination FIFO Source Address Register 2
0x01C1 0388
DFCNT2
EDMA3 TC0 Destination FIFO Count Register 2
0x01C1 038C
DFDST2
EDMA3 TC0 Destination FIFO Destination Address Register 2
0x01C1 0390
DFBIDX2
EDMA3 TC0 Destination FIFO B-Index Register 2
0x01C1 0394
DFMPPRXY2
EDMA3 TC0 Destination FIFO Memory Protection Proxy Register 2
0x01C1 0398 - 0x01C1 03BF
-
Reserved
0x01C1 03C0
DFOPT3
EDMA3 TC0 Destination FIFO Options Register 3
0x01C1 03C4
DFSRC3
EDMA3 TC0 Destination FIFO Source Address Register 3
0x01C1 03C8
DFCNT3
EDMA3 TC0 Destination FIFO Count Register 3
0x01C1 03CC
DFDST3
EDMA3 TC0 Destination FIFO Destination Address Register 3
0x01C1 03D0
DFBIDX3
EDMA3 TC0 Destination FIFO B-Index Register 3
0x01C1 03D4
DFMPPRXY3
EDMA3 TC0 Destination FIFO Memory Protection Proxy Register 3
0x01C1 03D8 - 0x01C1 03FF
-
Reserved
Transfer Controller 1 Registers
0x01C1 0400
-
Reserved
0x01C1 0404
TCCFG
EDMA3 TC1 Configuration Register
146
Peripheral Information and Electrical Specifications
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com