Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIBZWT Datasheet(PDF) 147 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIBZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIBZWT Datasheet(HTML) 147 Page - Texas Instruments

Back Button TNETV2664FIBZWT Datasheet HTML 143Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 144Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 145Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 146Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 147Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 148Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 149Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 150Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 151Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
Table 6-7. C6424 EDMA Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
0x01C1 0408 - 0x01C1 04FF
-
Reserved
0x01C1 0500
TCSTAT
EDMA3 TC1 Channel Status Register
0x01C1 0504 - 0x01C1 0510
-
Reserved
0x01C1 0514 - 0x01C1 051F
-
Reserved
0x01C1 0520
ERRSTAT
EDMA3 TC1 Error Status Register
0x01C1 0524
ERREN
EDMA3 TC1 Error Enable Register
0x01C1 0528
ERRCLR
EDMA3 TC1 Error Clear Register
0x01C1 052C
ERRDET
EDMA3 TC1 Error Details Register
0x01C1 0530
ERRCMD
EDMA3 TC1 Error Interrupt Command Register
0x01C1 0534 - 0x01C1 053F
-
Reserved
0x01C1 0540
RDRATE
EDMA3 TC1 Read Command Rate Register
0x01C1 0544 - 0x01C1 05FF
-
Reserved
0x01C1 0600 - 0x01C1 063F
-
Reserved
0x01C1 0640
SAOPT
EDMA3 TC1 Source Active Options Register
0x01C1 0644
SASRC
EDMA3 TC1 Source Active Source Address Register
0x01C1 0648
SACNT
EDMA3 TC1 Source Active Count Register
0x01C1 064C
SADST
EDMA3 TC1 Source Active Destination Address Register
0x01C1 0650
SABIDX
EDMA3 TC1 Active B-Index Register
0x01C1 0654
SAMPPRXY
EDMA3 TC1 Source Active Memory Protection Proxy Register
0x01C1 0658
SACNTRLD
EDMA3 TC1 Source Active Count Reload Register
0x01C1 065C
SASRCBREF
EDMA3 TC1 Source Active Source Address B-Reference Register
0x01C1 0660
SADSTBREF
EDMA3 TC1 Source Active Destination Address B-Reference Register
0x01C1 0664 - 0x01C1 067F
-
Reserved
0x01C1 0680
DFCNTRLD
EDMA3 TC1 Destination FIFO Set Count Reload Register
0x01C1 0684
DFSRCBREF
EDMA3 TC1 Destination FIFO Set Source Address B-Reference Register
EDMA3 TC1 Destination FIFO Set Destination Address B-Reference
0x01C1 0688
DFDSTBREF
Register
0x01C1 068C - 0x01C1 06FF
-
Reserved
0x01C1 0700
DFOPT0
EDMA3 TC1 Destination FIFO Options Register 0
0x01C1 0704
DFSRC0
EDMA3 TC1 Destination FIFO Source Address Register 0
0x01C1 0708
DFCNT0
EDMA3 TC1 Destination FIFO Count Register 0
0x01C1 070C
DFDST0
EDMA3 TC1 Destination FIFO Destination Address Register 0
0x01C1 0710
DFBIDX0
EDMA3 TC1 Destination FIFO B-Index Register 0
0x01C1 0714
DFMPPRXY0
EDMA3 TC1 Destination FIFO Memory Protection Proxy Register 0
0x01C1 0718 - 0x01C1 073F
-
Reserved
0x01C1 0740
DFOPT1
EDMA3 TC1 Destination FIFO Options Register 1
0x01C1 0744
DFSRC1
EDMA3 TC1 Destination FIFO Source Address Register 1
0x01C1 0748
DFCNT1
EDMA3 TC1 Destination FIFO Count Register 1
0x01C1 074C
DFDST1
EDMA3 TC1 Destination FIFO Destination Address Register 1
0x01C1 0750
DFBIDX1
EDMA3 TC1 Destination FIFO B-Index Register 1
0x01C1 0754
DFMPPRXY1
EDMA3 TC1 Destination FIFO Memory Protection Proxy Register 1
0x01C1 0758 - 0x01C1 077F
-
Reserved
0x01C1 0780
DFOPT2
EDMA3 TC1 Destination FIFO Options Register 2
0x01C1 0784
DFSRC2
EDMA3 TC1 Destination FIFO Source Address Register 2
0x01C1 0788
DFCNT2
EDMA3 TC1 Destination FIFO Count Register 2
0x01C1 078C
DFDST2
EDMA3 TC1 Destination FIFO Destination Address Register 2
0x01C1 0790
DFBIDX2
EDMA3 TC1 Destination FIFO B-Index Register 2
Copyright © 2007–2009, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
147
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com