Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN250 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STSPIN250
Description  Low voltage brush DC motor driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN250 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STSPIN250 Datasheet HTML 2Page - STMicroelectronics STSPIN250 Datasheet HTML 3Page - STMicroelectronics STSPIN250 Datasheet HTML 4Page - STMicroelectronics STSPIN250 Datasheet HTML 5Page - STMicroelectronics STSPIN250 Datasheet HTML 6Page - STMicroelectronics STSPIN250 Datasheet HTML 7Page - STMicroelectronics STSPIN250 Datasheet HTML 8Page - STMicroelectronics STSPIN250 Datasheet HTML 9Page - STMicroelectronics STSPIN250 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Electrical data
STSPIN250
6/26
DocID029872 Rev 2
2
Electrical data
2.1
Absolute maximum ratings
2.2
Recommended operating conditions
Table 1. Absolute maximum ratings
Symbol
Parameter
Test condition
Value
Unit
VS
Supply voltage
-
-0.3 to 11
V
VIN
Logic input voltage
-
-0.3 to 5.5
V
VOUT - VSENSE
Output to sense voltage drop
-
up to 12
V
VS - VOUT
Supply to output voltage drop
-
up to 12
V
VSENSE
Sense pins voltage
-
-1 to 1
V
VREF
Reference voltage input
-
-0.3 to 1
V
IOUT,RMS
Continuous power stage output current
(OUTAx // OUTBx)
-
2.6
Arms
Tj,OP
Operative junction temperature
-
-40 to 150
°C
Tj,STG
Storage junction temperature
-
-55 to 150
°C
Table 2. Recommended operating conditions
Symbol
Parameter
Test condition Min.
Typ. Max.
Unit
VS
Supply voltage
-
1.8
-
10
V
VIN
Logic input voltage
-
0
-
5
V
VREF
Reference voltage input
-
0.1
-
0.5
V
tINw
Logic input positive/negative pulse width
-
300
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com