Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN250 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STSPIN250
Description  Low voltage brush DC motor driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN250 Datasheet(HTML) 4 Page - STMicroelectronics

  STSPIN250 Datasheet HTML 1Page - STMicroelectronics STSPIN250 Datasheet HTML 2Page - STMicroelectronics STSPIN250 Datasheet HTML 3Page - STMicroelectronics STSPIN250 Datasheet HTML 4Page - STMicroelectronics STSPIN250 Datasheet HTML 5Page - STMicroelectronics STSPIN250 Datasheet HTML 6Page - STMicroelectronics STSPIN250 Datasheet HTML 7Page - STMicroelectronics STSPIN250 Datasheet HTML 8Page - STMicroelectronics STSPIN250 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
List of figures
STSPIN250
4/26
DocID029872 Rev 2
List of figures
Figure 1.
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 2.
Pin connection (top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 3.
Typical application schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 4.
Timing diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 5.
PWM current control . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 6.
OFF time regulation circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 7.
OFF time vs ROFF value . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 8.
Overcurrent and short-circuit protections management . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 9.
Disable time versus REN and CEN values (VDD = 3.3 V) . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 10.
Disable time versus REN and CEN values (VDD = 1.8 V) . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 11.
Thermal shutdown management . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 12.
Power stage resistance versus supply voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 13.
Power stage resistance versus temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 14.
Overcurrent threshold versus supply voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 15.
VFQFPN 3 x 3 x 1.0 - 16L package outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 16.
VFQFPN 3 x 3 x 1.0 - 16L recommended footprint . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com