Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN250 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STSPIN250
Description  Low voltage brush DC motor driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN250 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STSPIN250 Datasheet HTML 4Page - STMicroelectronics STSPIN250 Datasheet HTML 5Page - STMicroelectronics STSPIN250 Datasheet HTML 6Page - STMicroelectronics STSPIN250 Datasheet HTML 7Page - STMicroelectronics STSPIN250 Datasheet HTML 8Page - STMicroelectronics STSPIN250 Datasheet HTML 9Page - STMicroelectronics STSPIN250 Datasheet HTML 10Page - STMicroelectronics STSPIN250 Datasheet HTML 11Page - STMicroelectronics STSPIN250 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Electrical characteristics
STSPIN250
8/26
DocID029872 Rev 2
3
Electrical characteristics
Testing conditions: VS = 5 V, Tj = 25 °C, unless otherwise specified.
Table 5. Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit
Supply
VSth(ON)
VS turn-on voltage
VS rising from 0 V
1.45
1.65
1.79
V
VSth(OFF)
VS turn-off voltage
VS falling from 5 V
1.3
1.45
1.65
V
VSth(HYS)
VS hysteresis voltage
-
-
180
mV
IS
VS supply current
No commutations
EN = 0
ROFF = 160 k
-
960
1300
A
No commutations
EN = 1
ROFF = 160 k
-1500 1950
A
IS,STBY
VS standby current
STBY = 0 V
-
10
80
nA
VSTBYL
Standby low logic level input voltage -
-
-
0.9
V
VSTBYH
Standby logic level input voltage
-
1.48
-
-
V
Power stage
RDS(ON)HS+LS
Total on resistance HS + LS(1)
(OUTAx // OUTBx)
VS = 10 V
IOUT = 1.3 A
-
0.2
0.33
VS = 10 V
IOUT = 1.3 A
Tj = 125 °C(2)
-
0.27
0.44
VS = 3 V,
IOUT = 0.4 A
-
0.27
0.4
IDSS
Leakage current
OUTx = VS
--
1
µA
OUTx = GND
- 1
-
-
VDF
Freewheeling diode forward voltage ID = 1.3 A
-
0.9
-
V
trise
Rise time
VS = 10 V; unloaded outputs
-
10
-
ns
tfall
Fall time
VS = 10 V; unloaded outputs
-
10
-
ns
tDT
Dead time
-
-
50
-
ns
PWM current controller
VSNS,OFFSET Sensing offset
VREF = 0.5 V
Internal reference 20% VREF
-15
-
+15
mV
tOFF
Total OFF time
ROFF = 10 k
-9
-
µs
ROFF = 160 k
-
125
-
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com