Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN250 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STSPIN250
Description  Low voltage brush DC motor driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN250 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STSPIN250 Datasheet HTML 18Page - STMicroelectronics STSPIN250 Datasheet HTML 19Page - STMicroelectronics STSPIN250 Datasheet HTML 20Page - STMicroelectronics STSPIN250 Datasheet HTML 21Page - STMicroelectronics STSPIN250 Datasheet HTML 22Page - STMicroelectronics STSPIN250 Datasheet HTML 23Page - STMicroelectronics STSPIN250 Datasheet HTML 24Page - STMicroelectronics STSPIN250 Datasheet HTML 25Page - STMicroelectronics STSPIN250 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Package information
STSPIN250
24/26
DocID029872 Rev 2
Figure 16. VFQFPN 3 x 3 x 1.0 - 16L recommended footprint
Table 11. VFQFPN 3 x 3 x 1.0 - 16L package mechanical data(1)
1. VFQFPN stands for “Thermally Enhanced Very thin Fine pitch Quad Packages No lead”.
Very thin: 0.80 < A
 1.00 mm / fine pitch: e < 1.00 mm.
The pin #1 identifier must exist on the top surface of the package by using indentation mark or other
feature of the package body.
Symbol
Dimensions (mm)
Min.
Typ.
Max.
A
0.80
0.90
1.00
A1
-
0.02
-
A3
-
0.20
-
b
0.18
0.25
0.30
D
2.85
3.00
3.15
D2
1.70
1.80
1.90
E
2.85
3.00
3.15
E2
1.70
1.80
1.90
e
-
0.50
-
L
0.45
0.50
0.55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com