Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN250 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STSPIN250
Description  Low voltage brush DC motor driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN250 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STSPIN250 Datasheet HTML 6Page - STMicroelectronics STSPIN250 Datasheet HTML 7Page - STMicroelectronics STSPIN250 Datasheet HTML 8Page - STMicroelectronics STSPIN250 Datasheet HTML 9Page - STMicroelectronics STSPIN250 Datasheet HTML 10Page - STMicroelectronics STSPIN250 Datasheet HTML 11Page - STMicroelectronics STSPIN250 Datasheet HTML 12Page - STMicroelectronics STSPIN250 Datasheet HTML 13Page - STMicroelectronics STSPIN250 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Pin description
STSPIN250
10/26
DocID029872 Rev 2
4
Pin description
Figure 2. Pin connection (top view)
Note:
The exposed pad, TEST0 and TEST1 pins must be connected to ground.
OUTA1 and OUTB1 must be connected together.
OUTA2 and OUTB2 must be connected together.
SENSEA and SENSEB must be connected together.
Table 6. Pin description
No.
Name
Type
Function
1
PH
Logic input
Phase input
2
PWM
Logic input
PWM input
3
OUTA1
Power output
Power bridge output side A1, must be connected to
OUTB1.
4
SENSEA
Power output Sense output A, must be connected to SENSEB.
5
OUTA2
Power output
Power bridge output side A2, must be connected to
OUTB2.
6
VS
Supply
Device supply voltage.
7, EPAD
GND
Ground
Device ground.
8
OUTB2
Power output
Power bridge output side B2, must be connected to
OUTA2.
9
SENSEB
Power output Sense output B, must be connected to SENSEA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com