Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN250 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STSPIN250
Description  Low voltage brush DC motor driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN250 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STSPIN250 Datasheet HTML 7Page - STMicroelectronics STSPIN250 Datasheet HTML 8Page - STMicroelectronics STSPIN250 Datasheet HTML 9Page - STMicroelectronics STSPIN250 Datasheet HTML 10Page - STMicroelectronics STSPIN250 Datasheet HTML 11Page - STMicroelectronics STSPIN250 Datasheet HTML 12Page - STMicroelectronics STSPIN250 Datasheet HTML 13Page - STMicroelectronics STSPIN250 Datasheet HTML 14Page - STMicroelectronics STSPIN250 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
DocID029872 Rev 2
11/26
STSPIN250
Pin description
26
10
OUTB1
Power output
Power bridge output side B1, must be connected to
OUTA1.
11
REF
Analog input Reference voltage for the current limiter circuitry.
12
TOFF
Analog input Internal oscillator frequency adjustment.
13
EN\FAULT
Logic input\
open drain
output
Logic input 5 V compliant whit and open drain output.
This is the power stage enable (when low the power stage
is turned off) and it is forced low through the integrated
open-drain MOSFET when a failure occurs.
14
STBY\RESET
Logic input
Logic input 5 V compliant.
When forced low the device is forced into the low
consumption mode.
15
TEST0
-
Reserved pin. This pin must be connected to ground.
16
TEST1
-
Reserved pin. This pin must be connected to ground.
Table 6. Pin description (continued)
No.
Name
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com