Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN250 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STSPIN250
Description  Low voltage brush DC motor driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN250 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STSPIN250 Datasheet HTML 18Page - STMicroelectronics STSPIN250 Datasheet HTML 19Page - STMicroelectronics STSPIN250 Datasheet HTML 20Page - STMicroelectronics STSPIN250 Datasheet HTML 21Page - STMicroelectronics STSPIN250 Datasheet HTML 22Page - STMicroelectronics STSPIN250 Datasheet HTML 23Page - STMicroelectronics STSPIN250 Datasheet HTML 24Page - STMicroelectronics STSPIN250 Datasheet HTML 25Page - STMicroelectronics STSPIN250 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
DocID029872 Rev 2
25/26
STSPIN250
Ordering information
26
9
Ordering information
10
Revision history
Table 12. Device summary
Order code
Package
Packaging
STSPIN250
VFQFPN 3 x 3 x1.0 - 16L
Tape and reel
Table 13. Document revision history
Date
Revision
Changes
17-Oct-2016
1
Initial release.
04-Nov-2016
2
Updated document status to: Datasheet - production
data on page 1.
Updated Figure 1 on page 5 and Figure 12 on page 21
(replaced by new figures).
Updated Table 2 on page 6 (added new parameter tINw).
Minor modifications throughout document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com