Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN250 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STSPIN250
Description  Low voltage brush DC motor driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN250 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STSPIN250 Datasheet HTML 9Page - STMicroelectronics STSPIN250 Datasheet HTML 10Page - STMicroelectronics STSPIN250 Datasheet HTML 11Page - STMicroelectronics STSPIN250 Datasheet HTML 12Page - STMicroelectronics STSPIN250 Datasheet HTML 13Page - STMicroelectronics STSPIN250 Datasheet HTML 14Page - STMicroelectronics STSPIN250 Datasheet HTML 15Page - STMicroelectronics STSPIN250 Datasheet HTML 16Page - STMicroelectronics STSPIN250 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
DocID029872 Rev 2
13/26
STSPIN250
Device description
26
6
Device description
The STSPIN250 is a single brush DC motor driver integrating a PWM current controller and
a power stage composed by a fully-protected full-bridge.
6.1
Standby and power-up
The device provides a low settable consumption mode forcing the STBY\RESET input
below the VSTBYL threshold.
When the device is in the standby status, the power stage is disabled (outputs are in high
impedance) and the supply to the integrated control circuitry is cut-off.
6.2
Motor driving
The outputs of the full-bridge are controlled by the PWM and PH inputs as listed in Table 8.
Table 8. Truth table
EN\FAULT
PH
PWM
OUTx1
OUTx2
Full-bridge condition
0
X
X
HiZ
HiZ
Disabled
1
0
0
GND
GND
Both LS on
1
0
1
GND
VS
HSx2 and LSx1 on (current X1
X2)
1
1
0
GND
GND
Both LS on
1
1
1
VS
GND
HSx1 and LSx2 on (current X1
X2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com