Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN250 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STSPIN250
Description  Low voltage brush DC motor driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN250 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STSPIN250 Datasheet HTML 5Page - STMicroelectronics STSPIN250 Datasheet HTML 6Page - STMicroelectronics STSPIN250 Datasheet HTML 7Page - STMicroelectronics STSPIN250 Datasheet HTML 8Page - STMicroelectronics STSPIN250 Datasheet HTML 9Page - STMicroelectronics STSPIN250 Datasheet HTML 10Page - STMicroelectronics STSPIN250 Datasheet HTML 11Page - STMicroelectronics STSPIN250 Datasheet HTML 12Page - STMicroelectronics STSPIN250 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
DocID029872 Rev 2
9/26
STSPIN250
Electrical characteristics
26
fOSC
Oscillator precision
fOSC/fOSC,ID
-20%
-
+20%
-
tOFF,jitter
Total OFF time jittering
ROFF = 10 k
--
2%
-
Logic IOs
VIH
High logic level input voltage
-
1.6
-
-
V
VIL
Low logic level input voltage
-
-
-
0.6
V
VRELEASE
FAULT open drain release voltage
-
-
-
0.4
V
VOL
Low logic level output voltage
IOL = 4 mA
-
-
0.4
V
RSTBY
STBY pull-down resistance
-
-
36
-
k
IPDEN
EN pull-down current
-
-
10.5
-
µA
tENd
EN input propagation delay
From EN falling edge to OUT
high impedance
-55
-
ns
tPWM,d(ON)
PWM turn-on propagation delay
See Figure 4 on page 14
-
125
-
ns
tPWM,d(OFF) PWM turn-off propagation delay
See Figure 4
-
140
-
ns
tPH,d
PH propagation delay
See Figure 4
-
125
-
ns
Protections
TjSD
Thermal shutdown threshold
-
-
160
-
°C
TjSD,Hyst
Thermal shutdown hysteresis
-
-
40
-
°C
IOC
Overcurrent threshold
Single OUT
-
2
-
A
OUTAx // OUTBx
-
4
-
1. Production test made on single outputs.
2. Based on characterization data on a limited number of samples, not tested during production.
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com