Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN250 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STSPIN250
Description  Low voltage brush DC motor driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN250 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STSPIN250 Datasheet HTML 3Page - STMicroelectronics STSPIN250 Datasheet HTML 4Page - STMicroelectronics STSPIN250 Datasheet HTML 5Page - STMicroelectronics STSPIN250 Datasheet HTML 6Page - STMicroelectronics STSPIN250 Datasheet HTML 7Page - STMicroelectronics STSPIN250 Datasheet HTML 8Page - STMicroelectronics STSPIN250 Datasheet HTML 9Page - STMicroelectronics STSPIN250 Datasheet HTML 10Page - STMicroelectronics STSPIN250 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
DocID029872 Rev 2
7/26
STSPIN250
Electrical data
26
2.3
Thermal data
2.4
ESD protections
Table 3. Thermal data
Symbol
Parameter
Conditions
Value Unit
RthJA
Junction to ambient thermal resistance Natural convection, according to JESD51-2A(1)
57.1
°C/W
RthJCtop
Junction to case thermal resistance
(top side)
Simulation with cold plate on package top
67.3
°C/W
RthJCbot
Junction to case thermal resistance
(bottom side)
Simulation with cold plate on exposed pad
9.1
°C/W
RthJB
Junction to board thermal resistance
According to JESD51-8(1)
23.3
°C/W
ψJT
Junction to top characterization
According to JESD51-2A(1)
3.3
°C/W
ψJB
Junction to board characterization
According to JESD51-2A(1)
22.6
°C/W
1. Simulated on a 21.2 x 21.2 mm board, 2s2p 1 Oz copper and four 300
m via below exposed pad.
Table 4. ESD protection ratings
Symbol
Parameter
Test condition
Class
Value
Unit
HBM
Human body model
Conforming to ANSI/ESDA/JEDEC JS-001-2014
H2
2
kV
CDM
Charge device model Conforming to ANSI/ESDA/JEDEC JS-001-2014
C2a
500
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com