Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN250 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STSPIN250
Description  Low voltage brush DC motor driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN250 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STSPIN250 Datasheet HTML 18Page - STMicroelectronics STSPIN250 Datasheet HTML 19Page - STMicroelectronics STSPIN250 Datasheet HTML 20Page - STMicroelectronics STSPIN250 Datasheet HTML 21Page - STMicroelectronics STSPIN250 Datasheet HTML 22Page - STMicroelectronics STSPIN250 Datasheet HTML 23Page - STMicroelectronics STSPIN250 Datasheet HTML 24Page - STMicroelectronics STSPIN250 Datasheet HTML 25Page - STMicroelectronics STSPIN250 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
DocID029872 Rev 2
23/26
STSPIN250
Package information
26
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
8.1
VFQFPN 3 x 3 x 1.0- 16L package information
Figure 15. VFQFPN 3 x 3 x 1.0 - 16L package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com