Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5974D Datasheet(PDF) 16 Page - STMicroelectronics

Part # A5974D
Description  Zero load current operation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5974D Datasheet(HTML) 16 Page - STMicroelectronics

Back Button A5974D Datasheet HTML 12Page - STMicroelectronics A5974D Datasheet HTML 13Page - STMicroelectronics A5974D Datasheet HTML 14Page - STMicroelectronics A5974D Datasheet HTML 15Page - STMicroelectronics A5974D Datasheet HTML 16Page - STMicroelectronics A5974D Datasheet HTML 17Page - STMicroelectronics A5974D Datasheet HTML 18Page - STMicroelectronics A5974D Datasheet HTML 19Page - STMicroelectronics A5974D Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
Closing the loop
A5974D
16/46
DocID018774 Rev 2
7
Closing the loop
Figure 9. Block diagram of the loop
7.1
Error amplifier and compensation network
The output L-C filter of a step-down converter contributes with 180° degrees phase shift in
the control loop. For this reason a compensation network between the COMP pin and
GROUND is added. The simplest compensation network together with the equivalent circuit
of the error amplifier are shown in Figure 10. RC and CC introduce a pole and a zero in the
open loop gain. CP does not significantly affect system stability but it is useful to reduce the
noise of the COMP pin.
The transfer function of the error amplifier and its compensation network is:
Equation 2
Where Avo = Gm · Ro
A0 s

AV0 1s
+
Rc Cc

s
2
R0
C0 Cp
+
 R
c
Cc sR0 Cc
R0 C0 Cp
+
 R
c
Cc
+
+
 1
+
+
---------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com