Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5974D Datasheet(PDF) 28 Page - STMicroelectronics

Part # A5974D
Description  Zero load current operation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5974D Datasheet(HTML) 28 Page - STMicroelectronics

Back Button A5974D Datasheet HTML 24Page - STMicroelectronics A5974D Datasheet HTML 25Page - STMicroelectronics A5974D Datasheet HTML 26Page - STMicroelectronics A5974D Datasheet HTML 27Page - STMicroelectronics A5974D Datasheet HTML 28Page - STMicroelectronics A5974D Datasheet HTML 29Page - STMicroelectronics A5974D Datasheet HTML 30Page - STMicroelectronics A5974D Datasheet HTML 31Page - STMicroelectronics A5974D Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
Application information
A5974D
28/46
DocID018774 Rev 2
Figure 16 plots the power losses for VIN = 12 V and main output rails.
Figure 16. Power losses estimation (VIN = 12V, fSW = 250 kHz)
At VIN = 12 V and VOUT = 5 V can deliver 2.5 A continuously (see Figure 17) because the
total power loss is now lower than 2 W [(
switching loss + quiescent loss) < conduction
loss].
As a consequence, the calculation of the internal power losses must be done for each
specific operating condition given by the final application.
In applications where the current to the output is pulsed, the thermal impedance should be
considered instead of the thermal resistance.
The thermal impedance of the system could be much lower than the thermal resistance,
which is a static parameter. As a consequence the maximum power losses can be higher
than 2 W if a pulsed output power is requested from the load:
Equation 30
So, depending on the pulse duration and its frequency, the maximum output current can be
delivered to the load.
The characterization of the thermal impedance is strictly dependent on the layout of the
board. In Figure 17 the measurement of the thermal impedance of the evaluation board of
the A5974D is provided.
PMAX t
T
ZTH t
-----------------
TJ MAX TAMB
–
ZTH t
--------------------------------------
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com