Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5974D Datasheet(PDF) 21 Page - STMicroelectronics

Part # A5974D
Description  Zero load current operation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5974D Datasheet(HTML) 21 Page - STMicroelectronics

Back Button A5974D Datasheet HTML 17Page - STMicroelectronics A5974D Datasheet HTML 18Page - STMicroelectronics A5974D Datasheet HTML 19Page - STMicroelectronics A5974D Datasheet HTML 20Page - STMicroelectronics A5974D Datasheet HTML 21Page - STMicroelectronics A5974D Datasheet HTML 22Page - STMicroelectronics A5974D Datasheet HTML 23Page - STMicroelectronics A5974D Datasheet HTML 24Page - STMicroelectronics A5974D Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
DocID018774 Rev 2
21/46
A5974D
Application information
46
8
Application information
8.1
Component selection
Input capacitor
The input capacitor must be able to support the maximum input operating voltage and the
maximum RMS input current.
Since step-down converters draw current from the input in pulses, the input current is
squared and the height of each pulse is equal to the output current. The input capacitor has
to absorb all this switching current, which can be up to the load current divided by two (worst
case, with duty cycle of 50%). For this reason, the quality of these capacitors has to be very
high to minimize the power dissipation generated by the internal ESR, thereby improving
system reliability and efficiency. The critical parameter is usually the RMS current rating,
which must be higher than the RMS input current. The maximum RMS input current (flowing
through the input capacitor) is:
Equation 17
Where
is the expected system efficiency, D is the duty cycle and IO is the output DC
current. This function reaches its maximum value at D = 0.5 and the equivalent RMS current
is equal to IO divided by 2 (considering  = 1). The maximum and minimum duty cycles are:
Equation 18
and
Equation 19
Where VF is the freewheeling diode forward voltage and VSW the voltage drop across the
internal PDMOS. Considering the range DMIN to DMAX, it is possible to determine the max.
IRMS going through the input capacitor.
Capacitors that can be considered are:
Electrolytic capacitors:
These are widely used due to their low price and their availability in a wide range of
RMS current ratings.
The only drawback is that, considering ripple current rating requirements, they are
physically larger than other capacitors.
Ceramic capacitors:
If available for the required value and voltage rating, these capacitors usually have
a higher RMS current rating for a given physical dimension (due to very low ESR).
The drawback is the considerably high cost.
IRMS
IO
D
2D
2
----------------
D
2
2
-------
+
=
DMAX
VOUT VF
+
VINMIN VSW
-------------------------------------
=
DMIN
VOUT VF
+
VINMAX VSW
--------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com