Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5974D Datasheet(PDF) 27 Page - STMicroelectronics

Part # A5974D
Description  Zero load current operation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5974D Datasheet(HTML) 27 Page - STMicroelectronics

Back Button A5974D Datasheet HTML 23Page - STMicroelectronics A5974D Datasheet HTML 24Page - STMicroelectronics A5974D Datasheet HTML 25Page - STMicroelectronics A5974D Datasheet HTML 26Page - STMicroelectronics A5974D Datasheet HTML 27Page - STMicroelectronics A5974D Datasheet HTML 28Page - STMicroelectronics A5974D Datasheet HTML 29Page - STMicroelectronics A5974D Datasheet HTML 30Page - STMicroelectronics A5974D Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
DocID018774 Rev 2
27/46
A5974D
Application information
46
Figure 15 represents the estimation of power losses for different output voltages at
VIN = 5 V and TAMB = 60 C. The calculations are performed considering the RDS(on) of the
power element equal to 0.4 A.
Figure 15. Power losses estimation (VIN = 5 V, fSW = 250 kHz)
The red trace represents the maximum power which can be taken away as calculated
above, whilst the rest of the traces are the total internal losses for different output voltage.
The embedded conduction losses are proportional to the duty cycle required for the
conversion. Assuming the input voltage constant, the switching losses are proportional to
the output current while the quiescent losses can be considered as constant.
As a consequence, in Figure 15 the maximum power losses is for VOUT = 3.3 V, where the
system can manage a continuous output current up to 2.35 A. The device could deliver
a continuous output current up to 2.5 A to the load, however the maximum power loss of
2 W is reached with an output current of 2.35 A, so the maximum output power is derated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com