Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5974D Datasheet(PDF) 38 Page - STMicroelectronics

Part # A5974D
Description  Zero load current operation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5974D Datasheet(HTML) 38 Page - STMicroelectronics

Back Button A5974D Datasheet HTML 34Page - STMicroelectronics A5974D Datasheet HTML 35Page - STMicroelectronics A5974D Datasheet HTML 36Page - STMicroelectronics A5974D Datasheet HTML 37Page - STMicroelectronics A5974D Datasheet HTML 38Page - STMicroelectronics A5974D Datasheet HTML 39Page - STMicroelectronics A5974D Datasheet HTML 40Page - STMicroelectronics A5974D Datasheet HTML 41Page - STMicroelectronics A5974D Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
Application information
A5974D
38/46
DocID018774 Rev 2
The device is powered from the output voltage, so the maximum voltage drop across the
LEDs and the resistor sense is 36 V.
The output voltage is given by:
Equation 46
where the ideal duty cycle D for the boost converter is:
Equation 47
As for positive and inverting buck-boost (see Section 8.7 and Section 8.8) the measured
real duty cycle has to be used to calculate the switch current level.
The peak current flowing in the embedded switch is:
Equation 48
while its average current is equal to:
Equation 49
This is due to the fact that the current flowing through the internal power switch is delivered
to the output only during the OFF phase.
The switch peak current must be lower than the minimum current limit of the overcurrent
protection (see Table 4 on page 6 for details), while the average current must be lower than
the rated DC current of the device.
As a consequence, the maximum output current is:
Equation 50
where ISW MAX represents the rated current of the device.
Figure 29 shows a tested circuit to implement a boost current source for high current LED
driving (350 mA). To implement a boost conversion the LEDs string must be composed of
a minimum device number having a total voltage drop larger than maximum input voltage.
The input voltage can be either a DC or AC thanks to the input bridge rectifier. In case of
a DC voltage source D1, D2, D3, D4, C1, C2 can be removed from the circuit and a 1 F
capacitor value can be used for C5.
VOUT
VIN
1D
–
-------------
=
D
VOUT VIN
–
VOUT
------------------------------
=
ISW
ILOAD
1D
–
---------------
IRIPPLE
2
--------------------
+
ILOAD
1D
–
---------------
VIN
2L
-----------
D
fSW
---------
+
==
ISW
ILOAD
1D
–
---------------
=
IOUT MAX ISW MAX 1D
–




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com