Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5974D Datasheet(PDF) 23 Page - STMicroelectronics

Part # A5974D
Description  Zero load current operation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5974D Datasheet(HTML) 23 Page - STMicroelectronics

Back Button A5974D Datasheet HTML 19Page - STMicroelectronics A5974D Datasheet HTML 20Page - STMicroelectronics A5974D Datasheet HTML 21Page - STMicroelectronics A5974D Datasheet HTML 22Page - STMicroelectronics A5974D Datasheet HTML 23Page - STMicroelectronics A5974D Datasheet HTML 24Page - STMicroelectronics A5974D Datasheet HTML 25Page - STMicroelectronics A5974D Datasheet HTML 26Page - STMicroelectronics A5974D Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
DocID018774 Rev 2
23/46
A5974D
Application information
46
Inductor
The inductor value is very important as it fixes the ripple current flowing through the output
capacitor. The ripple current is usually fixed at 20 - 40% of Iomax, which is 0.6 - 1.2 A with
IOmax = 3 A. The approximate inductor value is obtained using the following formula:
Equation 20
where TON is the ON time of the internal switch, given by D · T. For example, with
VOUT = 3.3 V, VIN = 12 V and IO = 0.9 A, the inductor value is about 12 µH. The peak
current through the inductor is given by:
Equation 21
and it can be observed that if the inductor value decreases, the peak current (which must be
lower than the current limit of the device) increases. So, when the peak current is fixed,
a higher inductor value allows a higher value for the output current. In Table 8, some
inductor manufacturers are listed.
8.2
Layout considerations
The layout of switching DC-DC converters is very important to minimize noise and
interference. Power-generating portions of the layout are the main cause of noise and so
high switching current loop areas should be kept as small as possible and lead lengths as
short as possible.
High impedance paths (in particular the feedback connections) are susceptible to
interference, so they should be as far as possible from the high current paths. A layout
example is provided in Figure 13.
The input and output loops are minimized to avoid radiation and high frequency resonance
problems. The feedback pin connections to the external divider are very close to the device
to avoid pickup noise. Another important issue is the ground plane of the board. Since the
package has an exposed pad, it is very important to connect it to an extended ground plane
in order to reduce the thermal resistance junction to ambient.
Table 8. Inductor selection
Manufacturer
Series
Inductor value (µH)
Saturation current (A)
Coilcraft
DO3316T
5.6 to 12
3.5 to 4.7
Coilcraft
MSS1260T
5.6 to 15
3.5 to 8
Wurth Elektronik
WE-PD L
4.7 to 27
3.55 to 6
L
VIN VOUT

I
---------------------------------- TON
=
IPK
IO
I
2
-----
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com