Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5974D Datasheet(PDF) 25 Page - STMicroelectronics

Part # A5974D
Description  Zero load current operation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5974D Datasheet(HTML) 25 Page - STMicroelectronics

Back Button A5974D Datasheet HTML 21Page - STMicroelectronics A5974D Datasheet HTML 22Page - STMicroelectronics A5974D Datasheet HTML 23Page - STMicroelectronics A5974D Datasheet HTML 24Page - STMicroelectronics A5974D Datasheet HTML 25Page - STMicroelectronics A5974D Datasheet HTML 26Page - STMicroelectronics A5974D Datasheet HTML 27Page - STMicroelectronics A5974D Datasheet HTML 28Page - STMicroelectronics A5974D Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
DocID018774 Rev 2
25/46
A5974D
Application information
46
Switching losses due to turning ON and OFF. These are derived using the following
equation:
Equation 24
Where TRISE and TFALL represent the switching times of the power element that cause the
switching losses when driving an inductive load (see Figure 14). TSW is the equivalent
switching time.
Figure 14. Switching losses
Quiescent current losses
Equation 25
Where IQ is the quiescent current.
Example 2
VIN = 12 V
VOUT = 3.3 V
IOUT = 2.5 A
RDS(on) has a typical value of 0.25 at 25 °C and increases up to a maximum value of 0.5. at
150 °C. We can consider a value of 0.4
.
TSW is approximately 70 ns.
IQ has a typical value of 2.5 mA at VIN = 12 V.
PSW
VIN IOUT
TON TOFF
+

2
------------------------------------
FSW VIN
=
IOUT TSW
FSW
=
PQ
VIN IQ
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com