Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5974D Datasheet(PDF) 30 Page - STMicroelectronics

Part # A5974D
Description  Zero load current operation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5974D Datasheet(HTML) 30 Page - STMicroelectronics

Back Button A5974D Datasheet HTML 26Page - STMicroelectronics A5974D Datasheet HTML 27Page - STMicroelectronics A5974D Datasheet HTML 28Page - STMicroelectronics A5974D Datasheet HTML 29Page - STMicroelectronics A5974D Datasheet HTML 30Page - STMicroelectronics A5974D Datasheet HTML 31Page - STMicroelectronics A5974D Datasheet HTML 32Page - STMicroelectronics A5974D Datasheet HTML 33Page - STMicroelectronics A5974D Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
Application information
A5974D
30/46
DocID018774 Rev 2
8.4
R.M.S. current of the embedded Power MOSFET
As the A5974D device embeds the high-side switch and so the internal power dissipation is
sometimes the bottleneck for the output current capability (refer to Section 8.3 on page 24
for the estimation of the operating temperature).
Nevertheless, as mentioned in Description on page 1, the device can manage a continuous
output current of 2.5 A in most of the application conditions.
However the rated maximum RMS current of the power elements is 2 A, where:
Equation 31
and the real duty cycle D:
Equation 32
Fixing the limit of 2 A for IRMS HS the maximum output current can be derived, as illustrated
in Figure 18..
Figure 18. Maximum continuous output current vs. duty cycle
IRMS HS
ILOAD
D
=
D
VOUT
RDS ON LS DCR
+
 I
LOAD
+
VIN
RDS ON LS RDS ON HS
–
 I
LOAD
+
----------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com