Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5974D Datasheet(PDF) 35 Page - STMicroelectronics

Part # A5974D
Description  Zero load current operation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5974D Datasheet(HTML) 35 Page - STMicroelectronics

Back Button A5974D Datasheet HTML 31Page - STMicroelectronics A5974D Datasheet HTML 32Page - STMicroelectronics A5974D Datasheet HTML 33Page - STMicroelectronics A5974D Datasheet HTML 34Page - STMicroelectronics A5974D Datasheet HTML 35Page - STMicroelectronics A5974D Datasheet HTML 36Page - STMicroelectronics A5974D Datasheet HTML 37Page - STMicroelectronics A5974D Datasheet HTML 38Page - STMicroelectronics A5974D Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
DocID018774 Rev 2
35/46
A5974D
Application information
46
8.7
Positive buck-boost regulator
The device can be used to implement a step-up/down converter with a positive output
voltage.
The output voltage is given by:
Equation 37
where the ideal duty cycle D for the buck-boost converter is:
Equation 38
However, due to power losses in the passive elements, the real duty cycle is always higher
than this. The real value (that can be measured in the application) should be used in the
following formulas.
The peak current flowing in the embedded switch is:
Equation 39
while its average current is equal to:
Equation 40
This is due to the fact that the current flowing through the internal power switch is delivered
to the output only during the OFF phase.
The switch peak current must be lower than the minimum current limit of the overcurrent
protection (see Table 4 on page 6 for details) while the average current must be lower than
the rated DC current of the device.
As a consequence, the maximum output current is:
Equation 41
where ISW MAX represents the rated current of the device.
The current capability is reduced by the term (1 - D) and so, for example, with a duty cycle of
0.5, and considering an average current through the switch of 3 A, the maximum output
current deliverable to the load is 1.5 A.
VOUT
VIN
D
1D
–
-------------
=
D
VOUT
VIN VOUT
+
------------------------------
=
ISW
ILOAD
1D
–
---------------
IRIPPLE
2
--------------------
+
ILOAD
1D
–
---------------
VIN
2L
-----------
D
fSW
---------
+
==
ISW
ILOAD
1D
–
---------------
=
IOUT MAX ISW MAX 1D
–




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com