Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5974D Datasheet(PDF) 40 Page - STMicroelectronics

Part # A5974D
Description  Zero load current operation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5974D Datasheet(HTML) 40 Page - STMicroelectronics

Back Button A5974D Datasheet HTML 36Page - STMicroelectronics A5974D Datasheet HTML 37Page - STMicroelectronics A5974D Datasheet HTML 38Page - STMicroelectronics A5974D Datasheet HTML 39Page - STMicroelectronics A5974D Datasheet HTML 40Page - STMicroelectronics A5974D Datasheet HTML 41Page - STMicroelectronics A5974D Datasheet HTML 42Page - STMicroelectronics A5974D Datasheet HTML 43Page - STMicroelectronics A5974D Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
Application information
A5974D
40/46
DocID018774 Rev 2
Figure 31. MLCC compensation network circuit
8.12
External SOFT_START network
At the start-up the device can quickly increase the current up to the current limit in order to
charge the output capacitor. If soft ramp up of the output voltage is required, an external
soft-start network can be implemented as shown in Figure 32. The capacitor C is charged
up to an external reference through the R and the BJT clamps the COMP pin.
This clamps the duty cycle, limiting the slew rate of the output voltage.
Figure 32. Soft-start network example
= 4V TO 36V
small signal
power plane
GND
GND
C8
470nF
C8
470nF
COUT
COUT
R6
220K
R6
220K
C11
68nF
C11
68nF
R8
NM
R8
NM
R2
R2
VIN
VIN
C3
C3
C2
68nF
50V
C2
68nF
50V
D1
D1
R5
R5
VOUT
VOUT
C7
C7
GND
GND
C6
C6
R1
R1
VOUT
1
VCC
8
VREF
6
EX-PAD
9
INH
3
COMP
4
GND
7
FB
5
SYNC
2
R4
R4
C5
C5
C1
10uF
50V
C1
10uF
50V
L1
L1
Q1
BC327
Q1
BC327
=4V TO 36V
small signal
power plane
TP3
GND
TP3
GND
D1
D1
Q1
BC327
Q1
BC327
R2
220K
R2
220K
TP1
VIN
TP1
VIN
C2
C2
TP2
VOUT
TP2
VOUT
C3
C3
C4
470nF
C4
470nF
TP4
GND
TP4
GND
VOUT
1
VCC
8
VREF
6
EX-PAD
9
INH
3
COMP
4
GND
7
FB
5
SYNC
2
U1
L597xD
U1
L597xD
L1
L1
C5
C5
R3
R3
R1
R1
C1
50V
C1
50V
R4
R4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com