Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5974D Datasheet(PDF) 17 Page - STMicroelectronics

Part # A5974D
Description  Zero load current operation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5974D Datasheet(HTML) 17 Page - STMicroelectronics

Back Button A5974D Datasheet HTML 13Page - STMicroelectronics A5974D Datasheet HTML 14Page - STMicroelectronics A5974D Datasheet HTML 15Page - STMicroelectronics A5974D Datasheet HTML 16Page - STMicroelectronics A5974D Datasheet HTML 17Page - STMicroelectronics A5974D Datasheet HTML 18Page - STMicroelectronics A5974D Datasheet HTML 19Page - STMicroelectronics A5974D Datasheet HTML 20Page - STMicroelectronics A5974D Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
DocID018774 Rev 2
17/46
A5974D
Closing the loop
46
Figure 10. Error amplifier equivalent circuit and compensation network
The poles of this transfer function are (if Cc >> C0+CP):
Equation 3
Equation 4
whereas the zero is defined as:
Equation 5
FP1 is the low frequency which sets the bandwidth, while the zero FZ1 is usually put near to
the frequency of the double pole of the L-C filter (see Section 7.2). FP2 is usually at a very
high frequency.
+
-
CP
RC
CC
FB
COMP
ΔV
R0
0.8M
Ω
Gm
ΔV
V+
E/A
RC
CC
CP
C0
10pF
FP1
1
2
R0
Cc
-------------------------------------
=
FP2
1
2
Rc
C0 Cp
+

--------------------------------------------------------
=
FZ1
1
2
Rc
Cc
-------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com