Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6739 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6739
Description  CPU and DSP power supply
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6739 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6739 Datasheet HTML 2Page - STMicroelectronics L6739 Datasheet HTML 3Page - STMicroelectronics L6739 Datasheet HTML 4Page - STMicroelectronics L6739 Datasheet HTML 5Page - STMicroelectronics L6739 Datasheet HTML 6Page - STMicroelectronics L6739 Datasheet HTML 7Page - STMicroelectronics L6739 Datasheet HTML 8Page - STMicroelectronics L6739 Datasheet HTML 9Page - STMicroelectronics L6739 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Connection diagram and pin description
L6739
6/30
DocID026384 Rev 1
2
Connection diagram and pin description
Figure 4. Pin connections (top view)
2.1
Pin description
Table 2. Pin descriptions
Pin no.
Name
Function
1
VCCDR
Drivers section power supply.
Filter with 1
F MLCC to GND.
2LGATE
Low-side driver output.
Connect directly to the low-side MOSFET gate. A small series resistor can be useful to
reduce dissipated power especially in high frequency applications.
3
PHASE
High-side driver return path.
Connect to the high-side MOSFET source. This pin is also monitored for the adaptive
deadtime management.
4BOOT
High-side driver supply.
This pin supplies the high-side floating driver. Connect through the CBOOT capacitor to the
PHASE pin. The pin is internally connected through a switch to the VCCDR pin. See
Section 8 on page 17 for guidance in designing the capacitor value.
5UGATE
High-side driver output.
Connect to high-side MOSFET gate. A small series resistor may help in reducing the
PHASE pin negative spike as well as cooling the device.
6
PGOOD
Power Good.
It is an open-drain output set free after SS (with 3x clock cycle delay) as long as the out-
put voltage monitored through VSEN is within specifications. Pull-up to 3.3 V (typ.) or
lower, if not used it can be left floating.
7EN
Enable pin.
Pull-high to < 5 V to enable conversion, 10
A pull-down provided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com