Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6739 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L6739
Description  CPU and DSP power supply
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6739 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L6739 Datasheet HTML 20Page - STMicroelectronics L6739 Datasheet HTML 21Page - STMicroelectronics L6739 Datasheet HTML 22Page - STMicroelectronics L6739 Datasheet HTML 23Page - STMicroelectronics L6739 Datasheet HTML 24Page - STMicroelectronics L6739 Datasheet HTML 25Page - STMicroelectronics L6739 Datasheet HTML 26Page - STMicroelectronics L6739 Datasheet HTML 27Page - STMicroelectronics L6739 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Application information
L6739
24/30
DocID026384 Rev 1
10
Application information
10.1
Inductor design
The inductance value is defined by a compromise between the dynamic response time, the
efficiency, the cost, and the size. The inductor must be calculated to maintain the ripple
current (
IL) between 20% and 30% of the maximum output current (typ.). The inductance
value can be calculated with the following relationship:
Equation 13
where FSW is the switching frequency, VIN is the input voltage and VOUT is the output
voltage. Figure 13 shows the ripple current vs. the output voltage for different values of the
inductor, with VIN = 5 V and VIN = 12 V.
Increasing the value of the inductance reduces the current ripple but, at the same time,
increases the converter response time to a dynamic load change. The response time is the
time required by the inductor to change its current from initial to final value. Until the inductor
has finished its charging time, the output current is supplied by the output capacitors.
Minimizing the response time can minimize the output capacitance required. If the
compensation network is well designed, during a load variation the device is able to set
a duty cycle value very different (0% or 80%) from the steady state one. When this condition
is reached, the response time is limited by the time required to change the inductor current.
Figure 13. Inductor current ripple vs. output voltage
L
VIN VOUT
–
FSW IL
------------------------------
VOUT
VIN
--------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com