Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6739 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6739
Description  CPU and DSP power supply
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6739 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6739 Datasheet HTML 5Page - STMicroelectronics L6739 Datasheet HTML 6Page - STMicroelectronics L6739 Datasheet HTML 7Page - STMicroelectronics L6739 Datasheet HTML 8Page - STMicroelectronics L6739 Datasheet HTML 9Page - STMicroelectronics L6739 Datasheet HTML 10Page - STMicroelectronics L6739 Datasheet HTML 11Page - STMicroelectronics L6739 Datasheet HTML 12Page - STMicroelectronics L6739 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
DocID026384 Rev 1
9/30
L6739
Electrical specifications
30
3.2
Electrical characteristics
Table 6. Electrical characteristics
(VCC = 12 V; VCCDR = open; TA = 25 C unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Supply current and power-on
ICC
VCC supply current
EN = HIGH
7.5
mA
EN = GND
6.0
mA
EN = HIGH, VCCDR = VCC = 5 V
5.5
mA
EN = GND, VCCDR = VCC = 5 V
4
mA
ICCDR
VCCDR supply current
VCC = VCCDR = 5 V,
UGATE and LGATE = open,
EN = HIGH, UGATE ON,
LGATE OFF
0.4
mA
VCC = VCCDR = 5 V,
UGATE and LGATE = open,
EN = HIGH, UGATE OFF,
LGATE ON
0.4
mA
VCC = VCCDR = 5 V,
EN = GND
UGATE and LGATE = open
0.2
mA
UVLOVCC
Turn-ON threshold
VCC rising
4.1
V
Hysteresis
0.2
V
UVLOVCCDR
Turn-ON threshold
VCCDR rising
3.9
V
Hysteresis
0.15
V
LDO
Voltage
5.75
V
Turn-ON threshold
Measured at the VCC pin
6.1
V
Turn-OFF threshold
3.5
V
Oscillator enable and soft-start
FSW
Main oscillator accuracy
OSC = open
180
200
220
kHz
kOSC
Oscillator gain
Current sink/source from OSC
10
kHz/
A
tSS
Soft-start time
OSC = open
4.5
5.12
5.7
msec
tSSdelay
SS delay
OSC = open, before SS
4.5
5.12
5.7
msec
VOSC
PWM ramp amplitude
2
V
d
Duty cycle
0
100
%
ENABLE
EN
Input logic high
EN rising
1.1
V
Input logic low
EN falling
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com