Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6739 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6739
Description  CPU and DSP power supply
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6739 Datasheet(HTML) 1 Page - STMicroelectronics

  L6739 Datasheet HTML 1Page - STMicroelectronics L6739 Datasheet HTML 2Page - STMicroelectronics L6739 Datasheet HTML 3Page - STMicroelectronics L6739 Datasheet HTML 4Page - STMicroelectronics L6739 Datasheet HTML 5Page - STMicroelectronics L6739 Datasheet HTML 6Page - STMicroelectronics L6739 Datasheet HTML 7Page - STMicroelectronics L6739 Datasheet HTML 8Page - STMicroelectronics L6739 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
This is information on a product in full production.
May 2014
DocID026384 Rev 1
1/30
L6739
Single-phase PWM controller with light-load efficiency optimization
Datasheet
- production data
Features
 Flexible power supply from 5 V to 12 V bus
 Power conversion input as low as 1.5 V
 Light-load efficiency optimization
 Embedded bootstrap switch
 VIN detector
 0.8 V internal reference
 0.5% output voltage accuracy
 Remote GND recovery
 High current integrated drivers
 Sensorless and programmable precise-OC
sense across inductor DCR
 OV protection
 Overtemperature protection
 Programmable oscillator up to 600 kHz
 LS-less to manage pre-bias startup
 Adjustable output voltage
 Disable function
 Internal soft-start
 VFQFPN 16 - 3 x 3 mm package
Applications
 Memory and termination supply
 Subsystem power supply (MCH, IOCH, PCI)
 CPU and DSP power supply
 Distributed power supply
 General DC-DC converter
Description
The L6739 is a single-phase step-down controller
with integrated high current drivers that provides
complete control logic and protection to realize
a DC-DC converter.
The device flexibility allows to manage
conversions with power input VIN as low as 1.5 V
and the device supply voltage ranging from 5 V to
12 V bus.
The L6739 device features a proprietary algorithm
that allows light-load efficiency optimization,
boosting efficiency without compromising the
output voltage ripple.
The integrated 0.8 V reference allows generation
of output voltages with ± 0.5% accuracy over line
and temperature variations.
The oscillator is programmable up to 600 kHz.
The L6739 provides a programmable overcurrent
protection and overvoltage protection. The current
information is monitored across the inductor DCR.
The L6739 device is available in a VFQFPN 16 -
3 x 3 mm package.
VFQFPN16
Table 1. Device summary
Order code
Package
Packing
L6739TR
VFQFPN16
Tape and reel
www.st.com


Similar Part No. - L6739

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
29-May-2006
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
07-Dec-2009
L6730B STMICROELECTRONICS-L6730B Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
29-May-2006
L6730B STMICROELECTRONICS-L6730B Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
07-Dec-2009
L6730BTR STMICROELECTRONICS-L6730BTR Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
29-May-2006
More results

Similar Description - L6739

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5300 TI-TPS5300 Datasheet
323Kb / 21P
MOBILE CPU POWER SUPPLY CONTROLLER
logo
Intersil Corporation
EL7560 INTERSIL-EL7560 Datasheet
371Kb / 7P
Programmable CPU Power Supply Unit
August 21, 1998
logo
Elantec Semiconductor
EL7556AC ELANTEC-EL7556AC Datasheet
248Kb / 13P
Programmable CPU Power Supply Unit
logo
Richtek Technology Corp...
RT9243 RICHTEK-RT9243 Datasheet
487Kb / 18P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9245 RICHTEK-RT9245 Datasheet
421Kb / 22P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9246A RICHTEK-RT9246A Datasheet
281Kb / 16P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8167B RICHTEK-RT8167B Datasheet
576Kb / 38P
Dual Single-Phase PWM Controller for CPU and GPU Core Power Supply
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
Multi-Phase PWM Controller for CPU Core Power Supply
logo
STMicroelectronics
ST10F296E STMICROELECTRONICS-ST10F296E Datasheet
5Mb / 346P
High performance 16-bit CPU with DSP functions
20-Oct-2008
logo
Richtek Technology Corp...
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com