Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6739 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6739
Description  CPU and DSP power supply
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6739 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6739 Datasheet HTML 4Page - STMicroelectronics L6739 Datasheet HTML 5Page - STMicroelectronics L6739 Datasheet HTML 6Page - STMicroelectronics L6739 Datasheet HTML 7Page - STMicroelectronics L6739 Datasheet HTML 8Page - STMicroelectronics L6739 Datasheet HTML 9Page - STMicroelectronics L6739 Datasheet HTML 10Page - STMicroelectronics L6739 Datasheet HTML 11Page - STMicroelectronics L6739 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Electrical specifications
L6739
8/30
DocID026384 Rev 1
3
Electrical specifications
3.1
Absolute maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
These are stress ratings only and functional operation of the device at these conditions is
not implied. Operating outside maximum recommended conditions for extended periods of
time may impact product reliability and results in device failures.
Table 4. Absolute maximum ratings
Symbol
Condition
Value
Unit
VCC
To GND
-0.3 to 15
V
VCCDR
To GND(1)
1. Needs to be lower than VCC under any condition.
-0.3 to 6
V
VBOOT, VUGATE
To GND
To PHASE
-0.3 to 41
-0.3 to 6
V
VPHASE
To GND
-5 to 35
V
VLGATE
To GND(2)
2. Needs to be lower than VCCDR under any condition.
-0.3 to 6
V
EN, PGOOD
To GND(1)
-0.3 to 7
V
CSP, CSN
To GND(3), (4)
3. Needs to be lower than VCC - 1.5 V under any condition.
4. Max. differential voltage to be limited within 100 mV.
-0.3 to 8
V
FB, COMP, VSEN, OSC, FBG
To GND
-0.3 to 3.6
V
Table 5. Recommended operative conditions
Symbol
Condition
Value
Unit
VCC
4.75 to 13.2
V
VOUT (max.)
(1)
1. VCC needs to be > 1.5 V higher than CSx pins to ensure proper operation of current sense.
7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com